công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC13213R2 bảng dữ liệu(PDF) 11 Page - Freescale Semiconductor, Inc

tên linh kiện MC13213R2
Giải thích chi tiết về linh kiện  ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13213R2 bảng dữ liệu(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC13213R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13213R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13213R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13213R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13213R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC13213R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC13213R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC13213R2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC13213R2 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
MC13211/212/213 Technical Data, Rev. 1.5
Freescale Semiconductor
11
37
NC
Not used
May be grounded or left open
38
PAO_P
RF Output
Modem power amplifier
RF output positive
Open drain. Connect to VDDA through a bias
network when used with external balun. Not used
when internal T/R switch is used.
39
PAO_M
RF Output
Modem power amplifier
RF output negative
Open drain. Connect to VDDA through a bias
network when used with external balun. Not used
when internal T/R switch is used.
40
SM
Input
Test Mode pin
Must be grounded for normal operation
41
GPIO41
Digital Input/
Output
General Purpose
Input/Output 4.
See Footnote 1
42
GPIO31
Digital
Input/Output
Modem General Purpose
Input/Output 3
See Footnote 1
43
GPIO2
Test Point
MCU Port E Bit 6 / Modem
General Purpose
Input/Output 2
Internally connected pins. When gpio_alt_en,
Register 9, Bit 7 = 1, GPIO2 functions as a “CRC
Valid” indicator.
44
GPIO1
Test Point
MCU Port E Bit 7 / Modem
General Purpose
Input/Output 1
Internally connected pins. When gpio_alt_en,
Register 9, Bit 7 = 1, GPIO1 functions as an “Out of
Idle” indicator.
45
VDD
Power Input
MCU main power supply
Decouple to ground.
46
ATTN2
Digital Input
Active Low Attention.
Transitions IC from either
Hibernate or Doze Modes
to Idle.
See Footnote 2
47
PTD2/TPM1CH2
Digital
Input/Output
MCU Port D Bit 2 / TPM1
Channel 2
48
PTD4/TPM2CH1
Digital
Input/Output
MCU Port D Bit 4 / TPM2
Channel 1
49
PTD5/TPM2CH2
Digital
Input/Output
MCU Port D Bit 5 / TPM2
Channel 2
50
PTD6/TPM2CH3
Digital
Input/Output
MCU Port D Bit 6 / TPM2
Channel 3
51
PTD7/TPM2CH4
Digital
Input/Output
MCU Port D Bit 7 / TPM2
Channel 4
52
PTB0/AD1P0
Input/Output
MCU Port B Bit 0 / ATD
analogChannel 0
53
PTB1/AD1P1
Input/Output
MCU Port B Bit 1 / ATD
analog Channel 1
54
PTB2/AD1P2
Input/Output
MCU Port B Bit 2 / ATD
analog Channel 2
55
PTB3/AD1P3
Input/Output
MCU Port B Bit 3 / ATD
analog Channel 3
Table 2. Pin Function Description (continued)
Pin #
Pin Name
Type
Description
Functionality


Số phần tương tự - MC13213R2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC13213R2 FREESCALE-MC13213R2 Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13213R2 FREESCALE-MC13213R2 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC13213R2 NXP-MC13213R2 Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
More results

Mô tả tương tự - MC13213R2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC13211 FREESCALE-MC13211_08 Datasheet
871Kb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X_09 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC1321X NXP-MC1321X Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
logo
Freescale Semiconductor...
MC1322X FREESCALE-MC1322X Datasheet
413Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224VR2 FREESCALE-MC13224VR2 Datasheet
363Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
logo
NXP Semiconductors
MC1322X NXP-MC1322X Datasheet
603Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
Rev. 1.3 10/2010
logo
Freescale Semiconductor...
MC13224V FREESCALE-MC13224V_09 Datasheet
347Kb / 50P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224V FREESCALE-MC13224V Datasheet
364Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13192 FREESCALE-MC13192_07 Datasheet
329Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com