công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10XS3412CPNA bảng dữ liệu(PDF) 7 Page - Freescale Semiconductor, Inc

tên linh kiện MC10XS3412CPNA
Giải thích chi tiết về linh kiện  Quad High Side Switch (Dual 10m廓, Dual 12m廓)
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC10XS3412CPNA bảng dữ liệu(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC10XS3412CPNA Datasheet HTML 3Page - Freescale Semiconductor, Inc MC10XS3412CPNA Datasheet HTML 4Page - Freescale Semiconductor, Inc MC10XS3412CPNA Datasheet HTML 5Page - Freescale Semiconductor, Inc MC10XS3412CPNA Datasheet HTML 6Page - Freescale Semiconductor, Inc MC10XS3412CPNA Datasheet HTML 7Page - Freescale Semiconductor, Inc MC10XS3412CPNA Datasheet HTML 8Page - Freescale Semiconductor, Inc MC10XS3412CPNA Datasheet HTML 9Page - Freescale Semiconductor, Inc MC10XS3412CPNA Datasheet HTML 10Page - Freescale Semiconductor, Inc MC10XS3412CPNA Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
10XS3412
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 6.0V
≤ VPWR ≤ 20V, 3.0V ≤ VDD ≤ 5.5V, -40°C ≤ TA ≤ 125°C, GND = 0V unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUTS
Battery Supply Voltage Range
Fully Operational
Extended mode(7)
VPWR
6.0
4.0
20
28
V
Battery Clamp Voltage(8)
VPWR(CLAMP
)
41
47
53
V
VPWR Operating Supply Current
Outputs commanded ON,
HS[0:3] open,
IN[0:3] > VIH
IPWR(ON)
6.5
20
mA
VPWR Supply Current
Outputs commanded OFF, OFF Open-load Detection Disabled, HS[0:3]
shorted to the ground with VDD= 5.5V
WAKE > VIH or RST > VIH and IN[0:3] < VIL
IPWR(SBY)
6.5
8.0
mA
Sleep State Supply Current
VPWR = 12V, RST = WAKE = IN[0:3] < VIL, HS[0:3] shorted to the ground
TA = 25°C
TA = 85°C
IPWR(SLEEP)
1.0
5.0
30
μA
VDD Supply Voltage
VDD(ON)
3.0
5.5
V
VDD Supply Current at VDD = 5.5V
No SPI Communication
8.0MHz SPI Communication(9)
IDD(ON)
1.6
5.0
2.2
mA
VDD Sleep State Current at VDD = 5.5V
IDD(SLEEP)
5.0
μA
Over-voltage Shutdown Threshold
VPWR(OV)
28
32
36
V
Over-voltage Shutdown Hysteresis
VPWR(OVHYS
)
0.2
0.8
1.5
V
Under-voltage Shutdown Threshold(10)
VPWR(UV)
3.3
3.9
4.3
V
VPWR and VDD Power on Reset Threshold
VSUPPLY(PO
R)
0.5
-
0.9
VPWR(UV)
Recovery Under-voltage Threshold
Vpwr(UV)_U
P
3.4
4.1
4.5
V
VDD Supply Failure Threshold ( for VPWR > VPWR(UV) )
VDD(FAIL)
2.2
2.5
2.8
V
Notes
7.
In extended mode, the functionality is guaranteed but not the electrical parameters. From 4.0V to 6.0V voltage range, the device is only
protected with the thermal shutdown detection.
8.
Measured with the outputs open.
9.
Typical value guaranteed per design.
10.
Output will automatically recover with time limited autoretry to instructed state when VPWR voltage is restored to normal as long as the
VPWR degradation level did not go below the under-voltage power-ON reset threshold. This applies to all internal device logic that is
supplied by VPWR and assumes that the external VDD supply is within specification.


Số phần tương tự - MC10XS3412CPNA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC10XS3412CPNA FREESCALE-MC10XS3412CPNA Datasheet
1Mb / 53P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
More results

Mô tả tương tự - MC10XS3412CPNA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC10XS3435 FREESCALE-MC10XS3435 Datasheet
1Mb / 50P
   Quad High Side Switch (Dual 10m廓, Dual 35m廓)
MC15XS3400 FREESCALE-MC15XS3400 Datasheet
2Mb / 49P
   Quad High Side Switch (Quad 15m廓)
MC35XS3400 FREESCALE-MC35XS3400 Datasheet
2Mb / 45P
   Quad High Side Switch (Quad 35m廓)
logo
Infineon Technologies A...
BTT6010-1ERB INFINEON-BTT6010-1ERB Datasheet
1Mb / 47P
   Smart High-Side Power Switch, Single Channel 10m廓
Rev. 1.00 2019-03-09
BTT6030-2ERB INFINEON-BTT6030-2ERB Datasheet
1Mb / 55P
   Smart High-Side Power Switch Dual Channel, 32m廓
Rev.1.00 2019-03-09
BTT6100-2ERA INFINEON-BTT6100-2ERA Datasheet
1Mb / 47P
   Smart High-Side Power Switch Dual Channel, 100 m廓
Rev.1.00 2019-03-09
ITS4040D-EP-D INFINEON-ITS4040D-EP-D Datasheet
1Mb / 44P
   40 m廓 Dual Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
BTT6050-2ERA INFINEON-BTT6050-2ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Dual Channel, 50 m廓
Rev.1.00 2019-03-09
BTF6070-2ERV INFINEON-BTF6070-2ERV Datasheet
1Mb / 42P
   Smart High-Side Power Switch Dual Channel, 60 m廓
Rev. 1.00 2019-04-25
logo
Texas Instruments
TPS2HB35-Q1 TI1-TPS2HB35-Q1_V01 Datasheet
541Kb / 43P
[Old version datasheet]   40-V, 35-m廓 Dual-Channel Smart High-Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com