công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5422ACPZ bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện AD5422ACPZ
Giải thích chi tiết về linh kiện  Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5422ACPZ bảng dữ liệu(HTML) 5 Page - Analog Devices

  AD5422ACPZ Datasheet HTML 1Page - Analog Devices AD5422ACPZ Datasheet HTML 2Page - Analog Devices AD5422ACPZ Datasheet HTML 3Page - Analog Devices AD5422ACPZ Datasheet HTML 4Page - Analog Devices AD5422ACPZ Datasheet HTML 5Page - Analog Devices AD5422ACPZ Datasheet HTML 6Page - Analog Devices AD5422ACPZ Datasheet HTML 7Page - Analog Devices AD5422ACPZ Datasheet HTML 8Page - Analog Devices AD5422ACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
Preliminary Technical Data
AD5412/AD5422
Rev. PrF | Page 5 of 38
Parameter
Value1
Unit
Test Conditions/Comments
Output Voltage TC
±3
ppm FSR/°C max
Output Voltage Drift vs. Time
±12
ppm FSR/500 hr typ
Vout = ¾ of Full-Scale
±15
ppm FSR/1000 hr typ
Short-Circuit Current
20
mA typ
Load
2
kΩ min
For specified performance
Capacitive Load Stability
RL = ∞
20
nF max
RL = 2 kΩ
TBD
nF max
RL = ∞
1
µF max
External compensation capacitor of 4nF connected.
DC Output Impedance
0.3
Ω typ
Power-On Time
10
µs typ
DC PSRR
TBD
µV/V
CURRENT OUTPUT
Output Current Ranges
0 to 24
mA
0 to 20
mA
4 to 20
mA
ACCURACY
Resolution
16
Bits
AD5422
12
Bits
AD5412
Total Unadjusted Error (TUE)
±0.3
% FSR max
Over temperature, supplies, and time, typically 0.1% FSR
TUE TC2
±5
ppm/°C typ
Relative Accuracy (INL)
±0.012
% FSR max
AD5422
±0.024
% FSR max
AD5412
Differential Nonlinearity (DNL)
±1
LSB max
Guaranteed monotonic
Offset Error
±0.05
% FSR max
Offset Error Drift
±5
µv/°C typ
Gain Error
±0.02
% FSR max
@ 25°C, error at other temperatures obtained using gain
TC
Gain TC2
±8
ppm FSR/°C max
Full-Scale Error
0.05
% FSR max
@ 25°C, error at other temperatures obtained using gain
TC
Full-Scale TC2
±8
ppm FSR/°C
OUTPUT CHARACTERISTICS2
Current Loop Compliance Voltage
AVDD - 2.5
V max
Output Current Drift vs. Time
TBD
ppm FSR/500 hr typ
TBD
ppm FSR/1000 hr typ
Resistive Load
1200
Ω max
Inductive Load
1
H max
DC PSRR
1
µA/V max
Output Impedance
50
MΩ typ
REFERENCE INPUT/OUTPUT
Reference Input2
Reference Input Voltage
5
V nom
±1% for specified performance
DC Input Impedance
30
kΩ min
Typically 40 kΩ
Reference Range
4 to 5
V min to V max
Reference Output
Output Voltage
4.998 to 5.002
V min to V max
@ 25°C
Reference TC
±10
ppm/°C max
Output Noise (0.1 Hz to 10 Hz)2
18
µV p-p typ
Noise Spectral Density2
120
nV/√Hz typ
@ 10 kHz
Output Voltage Drift vs. Time2
±40
ppm/500 hr typ
±50
ppm/1000 hr typ
Capacitive Load
TBD
nF max


Số phần tương tự - AD5422ACPZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5422ACPZ-REEL AD-AD5422ACPZ-REEL Datasheet
1Mb / 40P
   Single Channel, 12-/16-Bit, Serial Input, Current Source and Voltage Output DACs
REV. A
AD5422ACPZ-REEL7 AD-AD5422ACPZ-REEL7 Datasheet
1Mb / 40P
   Single Channel, 12-/16-Bit, Serial Input, Current Source and Voltage Output DACs
REV. A
More results

Mô tả tương tự - AD5422ACPZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5422 AD-AD5422 Datasheet
326Kb / 37P
   Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrE
AD5420 AD-AD5420 Datasheet
276Kb / 29P
   Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrD
AD5410 AD-AD5410_08 Datasheet
291Kb / 30P
   Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrE
AD5412 AD-AD5412_09 Datasheet
1Mb / 40P
   Single Channel, 12-/16-Bit, Serial Input, Current Source and Voltage Output DACs
REV. A
AD5512A AD-AD5512A Datasheet
503Kb / 21P
   Serial-Input Voltage-Output, 12-/16-Bit DAC
logo
Wolfson Microelectronic...
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
   12-bit Serial Input Voltage Output DAC
logo
Analog Devices
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5370 AD-AD5370_15 Datasheet
652Kb / 29P
   40-Channel,16-Bit, Serial Input, Voltage Output DAC
REV. 0
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com