công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5422BREZ bảng dữ liệu(PDF) 11 Page - Analog Devices

tên linh kiện AD5422BREZ
Giải thích chi tiết về linh kiện  Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5422BREZ bảng dữ liệu(HTML) 11 Page - Analog Devices

Back Button AD5422BREZ Datasheet HTML 7Page - Analog Devices AD5422BREZ Datasheet HTML 8Page - Analog Devices AD5422BREZ Datasheet HTML 9Page - Analog Devices AD5422BREZ Datasheet HTML 10Page - Analog Devices AD5422BREZ Datasheet HTML 11Page - Analog Devices AD5422BREZ Datasheet HTML 12Page - Analog Devices AD5422BREZ Datasheet HTML 13Page - Analog Devices AD5422BREZ Datasheet HTML 14Page - Analog Devices AD5422BREZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Preliminary Technical Data
AD5412/AD5422
Rev. PrF | Page 11 of 38
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
AGND
SDO
AVSS
+VSENSE
FAULT
GND
LATCH
CLEAR
CLEAR SELECT
REFIN
SELECT
SCLK
SDIN
GND
RSET
VOUT
BOOST
CCOMP
REFOUT
TOP VIEW
(Not to Scale)
DVCC
NC
I OUT
-VSENSE
AVDD
DVCC
AD5412/
AD5422
11
12
13
14
15
16
17
18
19
20
1
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
40
39
38
37
36
35
34
33
32
31
LATCH
CLEAR SELECT
GND
FAULT
NC
NC
NC
DVCC SELECT
BOOST
CCOMP
NC
IOUT
NC
SDO
SDIN
SCLK
NC
CLEAR
TOP VIEW
(Not to Scale)
AD5412/
AD5422
CAP2
CAP1
Figure 5. TSSOP Pin Configuration
Figure 6. LFCSP Pin Configuration
Table 6. Pin Function Descriptions
TSSOP Pin No.
LFCSP Pin No.
Mnemonic
Description
1
14,37
AVSS
Negative Analog Supply Pin. Voltage ranges from –3 V to –24 V. This pin can be
connected to 0V if output voltage range is unipolar.
2
39
DVCC
Digital Supply Pin. Voltage ranges from 2.7 V to 5.5 V.
3
2
FAULT
Fault alert, This pin is asserted low when an open circuit is detected in current mode or
an over temperature is detected. Open drain output, must be connected to a pull-up
resistor.
4,12
3,15
GND
These pins must be connected to 0V.
18
1,10,11,19,
20,21,22,25,30,
31,35,38,40
NC
No Connection. Do not connect to this pin.
5
4
CLEAR
SELECT
Selects the voltage output clear value, either zero-scale or mid-scale code. See Table 21
6
5
CLEAR
Active High Input. Asserting this pin will set the current output to the bottom of the
selected range or will set the voltage output to the user selected value (zero-scale or
mid-scale).
7
6
LATCH
Positive edge sensitive latch, a rising edge will parallel load the input shift register data
into the DAC register, also updating the output.
8
7
SCLK
Serial Clock Input. Data is clocked into the shift register on the rising edge of SCLK. This
operates at clock speeds up to 30 MHz.
9
8
SDIN
Serial Data Input. Data must be valid on the rising edge of SCLK.
10
9
SDO
Serial Data Output. Used to clock data from the serial register in daisy-chain or readback
mode. Data is valid on the rising edge of SCLK . See Figure 3 and Figure 4.
11
12
AGND
Ground reference pin for analog circuitry.
N/A
13
DGND
Ground reference pin for digital circuitry. (AGND and DGND are internally connected in
TSSOP package).
13
16
RSET
An external, precision, low drift 15k
Ω current setting resistor can be connected to this
pin to improve the IOUT temperature drift performance. Refer to Features section.
14
17
REFOUT
Internal Reference Voltage Output. REFOUT = 5 V ± 2 mV.
15
18
REFIN
External Reference Voltage Input. Reference input range is 4 V to 5 V. REFIN = 5 V for
specified performance.
16
23
DVCC
SELECT
This pin when connected to GND disables the internal supply and an external supply
must be connected to the DVCC pin. Leave this pin unconnected to enable the internal
supply. Refer to features section.
17
24
CCOMP
Optional compensation capacitor connection for the voltage output buffer. Connecting
a 4nF capacitor between this pin and the VOUT pin will allow the voltage output to drive
up to 1µF. It should be noted that the addition of this capacitor will reduce the


Số phần tương tự - AD5422BREZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5422BREZ AD-AD5422BREZ Datasheet
326Kb / 37P
   Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrE
AD5422BREZ AD-AD5422BREZ Datasheet
1Mb / 40P
   Single Channel, 12-/16-Bit, Serial Input, Current Source and Voltage Output DACs
REV. A
AD5422BREZ-REEL AD-AD5422BREZ-REEL Datasheet
1Mb / 40P
   Single Channel, 12-/16-Bit, Serial Input, Current Source and Voltage Output DACs
REV. A
More results

Mô tả tương tự - AD5422BREZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5422 AD-AD5422 Datasheet
326Kb / 37P
   Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrE
AD5420 AD-AD5420 Datasheet
276Kb / 29P
   Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrD
AD5410 AD-AD5410_08 Datasheet
291Kb / 30P
   Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrE
AD5412 AD-AD5412_09 Datasheet
1Mb / 40P
   Single Channel, 12-/16-Bit, Serial Input, Current Source and Voltage Output DACs
REV. A
AD5512A AD-AD5512A Datasheet
503Kb / 21P
   Serial-Input Voltage-Output, 12-/16-Bit DAC
logo
Wolfson Microelectronic...
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
   12-bit Serial Input Voltage Output DAC
logo
Analog Devices
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5370 AD-AD5370_15 Datasheet
652Kb / 29P
   40-Channel,16-Bit, Serial Input, Voltage Output DAC
REV. 0
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com