công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5522 bảng dữ liệu(PDF) 9 Page - Analog Devices

tên linh kiện AD5522
Giải thích chi tiết về linh kiện  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5522 bảng dữ liệu(HTML) 9 Page - Analog Devices

Back Button AD5522_08 Datasheet HTML 5Page - Analog Devices AD5522_08 Datasheet HTML 6Page - Analog Devices AD5522_08 Datasheet HTML 7Page - Analog Devices AD5522_08 Datasheet HTML 8Page - Analog Devices AD5522_08 Datasheet HTML 9Page - Analog Devices AD5522_08 Datasheet HTML 10Page - Analog Devices AD5522_08 Datasheet HTML 11Page - Analog Devices AD5522_08 Datasheet HTML 12Page - Analog Devices AD5522_08 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
AD5522
Rev. A | Page 9 of 60
Parameter
Min
Typ1
Max
Unit
Test Conditions/Comments
FORCE AMPLIFIER2
Slew Rate
0.4
V/μs
CCOMPx = 100 pF, CFFx = 220 pF, CLOAD = 200 pF
Gain Bandwidth
1.3
MHz
CCOMPx = 100 pF, CFFx = 220 pF, CLOAD = 200 pF
Max Stable Load Capacitance
10,000
pF
CCOMPx = 100 pF, larger CLOAD requires larger
CCOMP
100
nF
CCOMPx = 1 nF, larger CLOAD requires larger CCOMP
FV SETTLING TIME TO 0.05% OF FS2
Midscale to full-scale change; measured from SYNC
rising edge, clamps on
±80 mA Range
22
40
μs
CCOMPx = 100 pF, CFFx = 220 pF, CLOAD = 200 pF
±2 mA Range
24
40
μs
CCOMPx = 100 pF, CFFx = 220 pF, CLOAD = 200 pF
±200 μA Range
40
80
μs
CCOMPx = 100 pF, CFFx = 220 pF, CLOAD = 200 pF
±20 μA Range
300
μs
CCOMPx = 100 pF, CFFx = 220 pF, CLOAD = 200 pF
±5 μA Range
1400
μs
CCOMPx = 100 pF, CFFx = 220 pF, CLOAD = 200 pF
MI SETTLING TIME TO 0.05% OF FS2
Midscale to full-scale change; driven from force
amplifier in FV mode, so includes FV settling time;
measured from SYNC rising edge, clamps on
±80 mA Range
22
40
μs
CCOMPx = 100 pF, CFFx = 220 pF, CLOAD = 200 pF
±2 mA Range
24
40
μs
CCOMPx = 100 pF, CFFx = 220 pF, CLOAD = 200 pF
±200 μA Range
60
100
μs
CCOMPx = 100 pF, CFFx = 220 pF, CLOAD = 200 pF
±20 μA Range
462
μs
CCOMPx = 100 pF, CFFx = 220 pF, CLOAD = 200 pF
±5 μA Range
1902
μs
CCOMPx = 100 pF, CFFx = 220 pF, CLOAD = 200 pF
FI SETTLING TIME TO 0.05% OF FS2
Midscale to full-scale change; measured from SYNC
rising edge, clamps on
±80 mA Range
24
55
μs
CCOMPx = 100 pF, CLOAD = 200 pF
±2 mA Range
24
60
μs
CCOMPx = 100 pF, CLOAD = 200 pF
±200 μA Range
50
120
μs
CCOMPx = 100 pF, CLOAD = 200 pF
±20 μA Range
450
μs
CCOMPx = 100 pF, CLOAD = 200 pF
±5 μA Range
2700
μs
CCOMPx = 100 pF, CLOAD = 200 pF
MV SETTLING TIME TO 0.05% OF FS2
Midscale to full-scale change; driven from force
amplifier in FV mode, so includes FV settling time;
measured from SYNC rising edge, clamps on
±80 mA Range
24
55
μs
CCOMPx = 100 pF, CLOAD = 200 pF
±2 mA Range
24
60
μs
CCOMPx = 100 pF, CLOAD = 200 pF
±200 μA Range
50
120
μs
CCOMPx = 100 pF, CLOAD = 200 pF
±20 μA Range
450
μs
CCOMPx = 100 pF, CLOAD = 200 pF
±5 μA Range
2700
μs
CCOMPx = 100 pF, CLOAD = 200 pF
DAC SPECIFICATIONS
Resolution
16
Bits
Output Voltage Span2
22.5
V
VREF = 5 V, within a range of −16.25 V to +22.5 V
Differential Nonlinearity2
−1
+1
LSB
Guaranteed monotonic by design over temperature
COMPARATOR DAC DYNAMIC
SPECIFICATIONS2
Output Voltage Settling Time
1
μs
500 mV change to ±½ LSB
Slew Rate
5.5
V/μs
Digital-to-Analog Glitch Energy
20
nV-s
Glitch Impulse Peak Amplitude
10
mV
REFERENCE INPUT
VREF DC Input Impedance
1
100
VREF Input Current
−10
+0.03
+10
μA
VREF Range2
2
5
V
DIE TEMPERATURE SENSOR
Accuracy2
±7
°C
Output Voltage at 25°C
1.5
V
Output Scale Factor2
4.6
mV/°C
Output Voltage Range2
0
3
V


Số phần tương tự - AD5522_08

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5522 AD-AD5522_07 Datasheet
561Kb / 48P
   Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
Rev.PrM
More results

Mô tả tương tự - AD5522_08

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5522 AD-AD5522_07 Datasheet
561Kb / 48P
   Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
Rev.PrM
AD5522 AD-AD5522 Datasheet
549Kb / 45P
   Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
Rev.PrL
AD5522 AD-AD5522_17 Datasheet
1Mb / 65P
   Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
AD5560 AD-AD5560 Datasheet
1Mb / 68P
   1.2 A Programmable Device Power Supply with Integrated 16-Bit Level Setting DACs
REV. D
ADATE324 AD-ADATE324 Datasheet
89Kb / 2P
   1.6 GHz Quad Integrated DCL with VHH Drive Capability, Level Setting DACs, and
Rev. Sp0
AD5520 AD-AD5520_15 Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520 Datasheet
763Kb / 20P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. A
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520_17 Datasheet
409Kb / 25P
   Per Pin Parametric Measurement Unit/Source Measure Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com