công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HEDS-5741-D01 bảng dữ liệu(PDF) 3 Page - Agilent(Hewlett-Packard) |
|
HEDS-5741-D01 bảng dữ liệu(HTML) 3 Page - Agilent(Hewlett-Packard) |
3 / 3 page 2-118 Mechanical Characteristics Parameter Min. Typ. Max. Units Notes Starting Torque – Static Drag 0.47 oz in – Free Spinning 0.14 oz in Dynamic Drag – Static Drag 1.1 oz in 100 RPM – Free Spinning 0.70 oz in 2000 RPM Rotational Life – Static Drag 1 x 106 Revolutions 1 lb Load – Free Spinning 12 x 106 Revolutions 4 oz Radial Load Mounting Torque of Nut 13 lb in HEDS-57 Shaft Configuration 0 - 1/4" dia. with no flat 1 - 6 mm dia. with no flat 2 - 1/4" dia. with flat Drag Option 0 - Free Spining 1 - Static Drag Resolutions (Cycles Per Revolution) HEDS-570X 2 Channel K - 96 CPR G - 360 CPR C - 100 CPR H - 400 CPR D - 192 CPR A - 500 CPR E - 200 CPR I - 512 CPR F - 256 CPR HEDS-574X Three Channel* F - 256 CPR A - 500 CPR G - 360 CPR I - 512 CPR Outputs 0 - 2 Channel 4 - 3 Channel Mechanical Configuration 0 - Pins 1 - 6" Coded Leads Output Waveforms Ordering Information 360 ± 5.5 180 ± 45 S1 S2 S3 S4 90 ± 45 TYPICAL 90 ± 45 CH A CH B CH I NOTE: ALL VALUES ARE IN ELECTRICAL DEGREES, WHERE 360° e = 1 CYCLE OF RESOLUTION. ERRORS ARE WORST CASE OVER ONE REVOLUTION. CH B LEADS CH A FOR COUNTERCLOCKWISE ROTATION. CH A LEADS CH B FOR CLOCKWISE ROTATION. *Please contact factory for other resolutions. |
Số phần tương tự - HEDS-5741-D01 |
|
Mô tả tương tự - HEDS-5741-D01 |