công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HEDS-5700-K01 bảng dữ liệu(PDF) 2 Page - Agilent(Hewlett-Packard)

tên linh kiện HEDS-5700-K01
Giải thích chi tiết về linh kiện  Panel Mount Optical Encoders
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HP [Agilent(Hewlett-Packard)]
Trang chủ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDS-5700-K01 bảng dữ liệu(HTML) 2 Page - Agilent(Hewlett-Packard)

  HEDS-5700-K01 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HEDS-5700-K01 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDS-5700-K01 Datasheet HTML 3Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2-117
Electrical Characteristics Over Recommended Operating Range, Typical at 25
°C
Parameter
Symbol
Min.
Typ.
Max.
Units
Notes
Supply Current
ICC
17
40
mA
Two Channel
57
85
Three Channel
High Level Output Voltage
VOH
2.4
V
IOH = -40 µA Max.
Low Level Output Voltage
VOL
0.4
V
I
OL = 3.2 mA
Note: If more source current is required, use a 3.2 K pullup resistor on each output.
The HEDS-5700 is quickly and
easily mounted to a front panel
using the threaded bushing, or it
can be directly coupled to a motor
shaft (or gear train) for position
sensing applications.
Applications
The HEDS-5700 with the static
drag option is best suited for
applications requiring digital
information from a manually
operated knob. Typical front
panel applications include
instruments, CAD/CAM systems,
and audio/video control boards.
The HEDS-5700 without static
drag (free spinning) is best suited
for low speed, mechanized
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Notes
Storage Temperature
Ts
-40
+85
°C
Operating Temperature
Ta
-20
+85
°C
Vibration
20
g
20 Hz - 2 kHz
Supply Voltage
VCC
-0.5
7
V
Output Voltage
VO
-0.5
VCC
V
Output Current per Channel
IO
-1
5
mA
Shaft Load – Axial
1
lb
– Radial
1
lb
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Notes
Temperature
T
-20
+85
°C
Noncondensing Atmosphere
Supply Voltage
VCC
4.5
5.5
V
Ripple <100 mVp-p
Rotational Speed – Drag
300
RPM
– Free Spinning
2000
RPM
operations. Typical applications
are copiers, X-Y tables, and
assembly line equipment.


Số phần tương tự - HEDS-5700-K01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5700 AVAGO-HEDS-5700 Datasheet
170Kb / 4P
   Panel Mount Optical Encoders
More results

Mô tả tương tự - HEDS-5700-K01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5700 AVAGO-HEDS-5700 Datasheet
170Kb / 4P
   Panel Mount Optical Encoders
HRPG-AD16-56C AVAGO-HRPG-AD16-56C Datasheet
691Kb / 9P
   Miniature Panel Mount Optical Encoders
HRPG AVAGO-HRPG Datasheet
691Kb / 9P
   Miniature Panel Mount Optical Encoders
logo
Agilent(Hewlett-Packard...
HRPG-ASCA HP-HRPG-ASCA Datasheet
221Kb / 8P
   Miniature Panel Mount Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HRPG-ASCA-53C AVAGO-HRPG-ASCA-53C Datasheet
691Kb / 9P
   Miniature Panel Mount Optical Encoders
logo
Agilent(Hewlett-Packard...
HEDR-8130 HP-HEDR-8130 Datasheet
189Kb / 8P
   Reflective Optical Surface Mount Encoders
HEDR-8000 HP-HEDR-8000 Datasheet
126Kb / 7P
   Reflective Optical Surface Mount Encoders
logo
Grayhill, Inc
61RS256-060 GRAYHILL-61RS256-060 Datasheet
42Kb / 1P
   Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDR-8000 AVAGO-HEDR-8000 Datasheet
430Kb / 8P
   Reflective Optical Surface Mount Encoders
logo
Copal Electronics
RE12D COPAL-RE12D Datasheet
63Kb / 2P
   OPTICAL ENCODERS
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com