công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HEDS-5740-H10 bảng dữ liệu(PDF) 1 Page - Agilent(Hewlett-Packard) |
|
HEDS-5740-H10 bảng dữ liệu(HTML) 1 Page - Agilent(Hewlett-Packard) |
1 / 3 page 2-116 H Panel Mount Optical Encoders Technical Data HEDS-5700 Series Features • Two Channel Quadrature Output with Optional Index Pulse • Available with or without Static Drag for Manual or Mechanized Operation • High Resolution – Up to 512 CPR • Long Rotational Life, >1 Million Revolutions • -20 to 85 °C Operating Temperature Range • TTL Quadrature Output • Single 5 V Supply • Available with Color Coded Leads Description The HEDS-5700 series is a family of low cost, high performance, optical incremental encoders with mounted shafts and bushings. The HEDS-5700 is available with tactile feedback for hand operated panel mount applications, or with a free spinning shaft for applica- tions requiring a pre-assembled encoder for position sensing. The encoder contains a collimated LED light source and special detector circuit which allows for high resolution, excellent encod- ing performance, long rotational life, and increased reliability. The unit outputs two digital wave- forms which are 90 degrees out of phase to provide position and direction information. The HEDS-5740 Series provides a third Index Channel. Package Dimensions OPTIONAL WIRING COLOR CODE TABLE COLOR WHITE BROWN RED BLACK BLUE (THREE CHANNEL) OUTPUT A B VCC GND I *Note: For the HEDS-5700, Pin #2 is a No Connect. For the HEDS-5740, Pin #2 is Channel I, the index output. THREAD 3/8-32 NUT 3/8-32 x 7/16" 5965-5871E |
Số phần tương tự - HEDS-5740-H10 |
|
Mô tả tương tự - HEDS-5740-H10 |