công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STLGCA44.736 bảng dữ liệu(PDF) 1 Page - Vectron International, Inc

tên linh kiện STLGCA44.736
Giải thích chi tiết về linh kiện  Voltage Controlled Crystal Oscillators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VECTRON [Vectron International, Inc]
Trang chủ  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

STLGCA44.736 bảng dữ liệu(HTML) 1 Page - Vectron International, Inc

  STLGCA44.736 Datasheet HTML 1Page - Vectron International, Inc STLGCA44.736 Datasheet HTML 2Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
24
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
Voltage Controlled Crystal Oscillators (VCXO’s)
S-Type
Performance Characteristics
Description:
The S-Type is a high volume, high reliability
CMOS VCXO. It is ASIC based and available in a
through-hole or SMD industry standard footprint
ceramic package.
Features:
• Frequencies to 65.536 MHz
• 5 or 3.3 volt operation
• <6 ps rms jitter (output frequencies >12 MHz)
• Advanced custom ASIC technology
• Surface mountable
• TTL or CMOS selectable
• Tri-state output
• 0/70°C or -40/85°C Operating Temp. Range
Frequency:
fO
1.024
65.536
MHz
Supply Voltage:
(+3.3 V)
VDD
2.97
3.3
3.63
V
(+5.0 V)
4.5
5.0
5.5
Supply Current:
IDD
10mA +0.25mA/MHz
mA
Output Logic Levels (VDD =4.5V):
Output Logic High:
VOH
0.8*VDD
--
V
Output Logic Low:
VOL
--
0.1* VDD
V
Transition Times:
Rise Time
tR
5ns
Fall Time
tF
5ns
Symmetry or Duty Cycle:
SYM
45
55
%
Operating temperature (ordering option):
0/70 or –40/85
°C
Test Conditions for APR (+5V option):
VC
0.5
4.5
V
Test Conditions for APR (+3.3V option):
VC
0.3
3.0
V
Absolute Pull Range (ordering option):
APR
+/-50
ppm
+/- 80
+/-100
Gain Transfer:
Positive
ppm/V
Control Voltage Leakage Current:
IVCXO
±1
uA
Control Voltage Bandwidth (-3dB):
BW
10
kHz
Package Size:
7.8 x 8.5 x 3.3
mm
Parameter
Symbol
Minimum
Typical
Maximum
Units
8798_AA's Vectron
05/30/02
3:11 PM
Page 24


Số phần tương tự - STLGCA44.736

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M-System Co.,Ltd.
STL MSYSTEM-STL Datasheet
108Kb / 3P
   SOFT-TERMINAL
logo
SICK AG
STL-0608G10M075KM1 SICK-STL-0608G10M075KM1 Datasheet
230Kb / 3P
   Plug connector cable
STL-0608G2M5075KM1 SICK-STL-0608G2M5075KM1 Datasheet
230Kb / 3P
   Plug connector cable
STL-1204-G02MC SICK-STL-1204-G02MC Datasheet
242Kb / 4P
   Plug Connector
STL-1204-G02ME90 SICK-STL-1204-G02ME90 Datasheet
225Kb / 4P
   Plug connector cable
More results

Mô tả tương tự - STLGCA44.736

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mercury United Electron...
G326 MERCURY-G326 Datasheet
74Kb / 1P
   Voltage Controlled Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KV5032L KSS-KV5032L Datasheet
65Kb / 1P
   Voltage Controlled Crystal Oscillators
logo
Crystek Corporation
CVXO-083 CRYSTEKCRYSTAL-CVXO-083 Datasheet
417Kb / 2P
   Voltage Controlled Crystal Oscillators
logo
Vectron International, ...
VC-480 VECTRON-VC-480 Datasheet
120Kb / 2P
   Voltage Controlled Crystal Oscillators
VC-490 VECTRON-VC-490 Datasheet
93Kb / 2P
   Voltage Controlled Crystal Oscillators
logo
List of Unclassifed Man...
CSX-750V ETC2-CSX-750V Datasheet
79Kb / 1P
   VOLTAGE CONTROLLED CRYSTAL OSCILLATORS
logo
Mercury United Electron...
GDF63 MERCURY-GDF63 Datasheet
122Kb / 1P
   Voltage Controlled Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KV7050C-P3 KSS-KV7050C-P3_18 Datasheet
65Kb / 1P
   Voltage Controlled Crystal Oscillators
KV7050G-P3 KSS-KV7050G-P3_18 Datasheet
65Kb / 1P
   Voltage Controlled Crystal Oscillators
KV7050L KSS-KV7050L Datasheet
65Kb / 1P
   Voltage Controlled Crystal Oscillators
logo
Mercury United Electron...
G534 MERCURY-G534 Datasheet
69Kb / 1P
   Voltage Controlled Crystal Oscillators
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com