công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TA-40-01 bảng dữ liệu(PDF) 2 Page - Vishay Siliconix |
|
TA-40-01 bảng dữ liệu(HTML) 2 Page - Vishay Siliconix |
2 / 5 page TA www.vishay.com Vishay Dale Revision: 06-Dec-11 2 Document Number: 34076 For technical questions, contact: magnetics@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 SCHEMATICS DIMENSIONAL CONFIGURATIONS [Numbers in brackets indicate millimeters] 1 4 6 3 600 Ω 4 k Ω 2 3 8 7 6 5 600 Ω 4 5 600 Ω 2 3 600 Ω 2 3 6 7 600 Ω 600 Ω 16 600 Ω 1 600 Ω 600 Ω 4 2 5 3 6 4 5 6 600 120MADC 900 Ω 100MADC 1 2 3 SHIELD 600 Ω 600 Ω 120MADC 600 Ω 4 2 1 6 5 900 Ω 100MADC 6 7 4 600 Ω 1 2 3 600 Ω 5 4 3 2 600 Ω 600 Ω 1 6 600 Ω 300 Ω 4 5 6 3 12 300 Ω 4 1 900 Ω 36 900 Ω 4 1 900 Ω 600 Ω 6 3 600 Ω 300 Ω 4 5 6 2 3 1 300 Ω 600 Ω 600 Ω 6 3 4 1 3 1 4 600 Ω 6 600 Ω 5 1 2 3 4 600 Ω 600 Ω 1. 3. 7. 6. 2. 4. 8. 12. 11. 10. 9. 5. 13. 14. 15. 16. 0.016 ± 0.010 [0.406 ± 0.254] Typ. 0.695 [17.65] Max. C. B. A. 3 D. E. 3 1 6 4 0.420 + 0.025 - 0.015 [10.67 + 0.635 - 0.381] 0.375 ± 0.010 [9.53 ± 0.254] 0.780 [19.81] Max. Black Dot Indicates Pin 1 0.016 ± 0.010 [0.406 ± 0.254] Typ. 0.420 + 0.025 - 0.015 [10.67 + 0.635 - 0.381] 4 6 0.187 ± 0.005 [4.75 ± 0.127] 5 12 3 0.780 [19.81] Max. Black Dot Indicates Pin 1 0.720 [18.29] Max. 0.781 [19.84] Max. Black Dot Indicates Pin 1 Top or Side 0.025 ± 0.005 [0.635 ± 0.127] Sq. Typ. 1 3 64 0.469 ± 0.010 [11.91 ± 0.254] 0.469 ± 0.010 [11.91 ± .254] 4 65 0.016 ± 0.010 [0.406 ± 0.254] Typ. 0.960 [24.38] Max. 1 3 2 0.781 + 0.025 - 0.015 [19.84 + 0.635 - 0.381] 0.660 [16.76] Max. 1.65 [41.91] Max. 0.150 [3.81] Min. 0.024 ± 0.005 [0.610 ± 0.127] Sq. Typ. 2 1 4 0.750 ± 0.010 [19.05 ± 0.254] 0.200 ± 0.010 [5.08 ± 0.254] 1.0 ± 0.020 [25.40 ± 0.508] 1.35 [34.29] Max. 0.250 ± 0.010 [6.35 ± 0.254] 7 8 5 6 F. 3 2 1 1.30 + 0.030 - 0.015 [33.02 + 0.762 - 0.381] 1.45 [36.83] Max. 2.0 [50.80] Max. 0.187 ± 0.010 [4.75 ± 0.254] Typ. Black Dot Indicates Pin 1 0.695 [17.65] Max. 0.375 ± 0.010 [9.53 ± 0.254] Notch Indicates Pin 1 0.720 [18.29] Max. 0.040 ± 0.010 [1.02 ± 0.254] Typ. 1.94 ± 0.020 [49.28 ± 0.508] 0.400 ± 0.005 [10.16 ± 0.127] 0.800 ± 0.010 [20.32 ± 0.254] 1.68 [42.67] Max. 0.040 ± 0.010 [1.02 ± 0.254] Typ. 0.150 [3.81] Min. 0.400 ± 0.010 [10.16 ± 0.254] 0.200 ± 0.005 [5.08 ± 0.127] Black Dot Indicates Pin 1 0.150 [3.81] Min. 0.040 ± 0.010 [1.02 ± 0.254] Typ. 0.150 [3.81] Min. 0.290 [7.37] Min. 0.470 [11.94] Max. 0.670 [17.02] Max. 0.150 [3.81] Min. 0.870 [22.10] Max. 1.04 [26.42] Max. 4 5 6 |
Số phần tương tự - TA-40-01 |
|
Mô tả tương tự - TA-40-01 |