công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TP3C106 bảng dữ liệu(PDF) 7 Page - Vishay Siliconix

tên linh kiện TP3C106
Giải thích chi tiết về linh kiện  Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP3C106 bảng dữ liệu(HTML) 7 Page - Vishay Siliconix

Back Button TP3C106 Datasheet HTML 3Page - Vishay Siliconix TP3C106 Datasheet HTML 4Page - Vishay Siliconix TP3C106 Datasheet HTML 5Page - Vishay Siliconix TP3C106 Datasheet HTML 6Page - Vishay Siliconix TP3C106 Datasheet HTML 7Page - Vishay Siliconix TP3C106 Datasheet HTML 8Page - Vishay Siliconix TP3C106 Datasheet HTML 9Page - Vishay Siliconix TP3C106 Datasheet HTML 10Page - Vishay Siliconix TP3C106 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TP3
Solid Tantalum Surface Mount Capacitors
TANTAMOUNT® Molded Case, High Performance
Vishay Sprague
Document Number: 40116
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 04-Jun-08
59
16 VDC AT + 85 °C, 10 VDC AT + 125 °C
47
C
TP3C476(1)016(2)1000AS
7.5
6
1.000
0.33
47
C
TP3C476(1)016(2)0300AS
7.5
6
0.300
0.61
47
D
TP3D476(1)016(2)0700AS
7.5
6
0.700
0.46
47
D
TP3D476(1)016(2)0150AS
7.5
6
0.150
1.00
47
D
TP3D476(1)016(2)0120AS
7.5
6
0.120
1.12
68
D
TP3D686(1)016(2)0600AS
10.9
6
0.600
0.50
68
D
TP3D686(1)016(2)0150AS
10.9
6
0.150
1.00
100
D
TP3D107(1)016(2)0600AS
16.0
8
0.600
0.50
100
D
TP3D107(1)016(2)0125AS
16.0
8
0.125
1.10
100
E
TP3E107(1)016(2)0600AS
16.0
8
0.600
0.52
100
E
TP3E107(1)016(2)0100AS
16.0
8
0.100
1.28
150
E
TP3E157(1)016(2)0500AS
24.0
8
0.500
0.57
150
E
TP3E157(1)016(2)0100AS
24.0
8
0.100
1.28
220
E
TP3E227(1)016(2)0500AS
35.2
14
0.500
0.57
220
E
TP3E227(1)016(2)0100AS
35.2
14
0.100
1.28
20 VDC AT + 85 °C, 13 VDC AT + 125 °C
0.68
A
TP3A684(1)020(2)10R0AS
0.5
4
10.000
0.09
0.68
A
TP3A684(1)020(2)8000AS
0.5
4
8.000
0.10
1.0
A
TP3A105(1)020(2)8400AS
0.5
4
8.400
0.09
1.0
A
TP3A105(1)020(2)5500AS
0.5
4
5.500
0.12
1.5
A
TP3A155(1)020(2)6300AS
0.5
6
6.300
0.11
2.2
A
TP3A225(1)020(2)5900AS
0.5
6
5.900
0.11
2.2
A
TP3A225(1)020(2)4000AS
0.5
6
4.000
0.14
2.2
B
TP3B225(1)020(2)3500AS
0.5
6
3.500
0.16
2.2
B
TP3B225(1)020(2)1500AS
0.5
6
1.500
0.24
3.3
A
TP3A335(1)020(2)5900AS
0.7
6
5.900
0.11
3.3
A
TP3A335(1)020(2)4000AS
0.7
6
4.000
0.14
3.3
B
TP3B335(1)020(2)3000AS
0.7
6
3.000
0.17
3.3
B
TP3B335(1)020(2)1300AS
0.7
6
1.300
0.26
4.7
A
TP3A475(1)020(2)5000AS
0.9
6
5.000
0.12
4.7
A
TP3A475(1)020(2)3500AS
0.9
6
3.500
0.15
4.7
B
TP3B475(1)020(2)2900AS
0.9
6
2.900
0.17
4.7
B
TP3B475(1)020(2)1000AS
0.9
6
1.000
0.29
4.7
C
TP3C475(1)020(2)2300AS
0.9
6
2.300
0.22
4.7
C
TP3C475(1)020(2)0600AS
0.9
6
0.600
0.43
6.8
B
TP3B685(1)020(2)2500AS
1.4
6
2.500
0.18
6.8
B
TP3B685(1)020(2)1000AS
1.4
6
1.000
0.29
6.8
C
TP3C685(1)020(2)1900AS
1.4
6
1.900
0.24
6.8
C
TP3C685(1)020(2)0550AS
1.4
6
0.550
0.45
10
B
TP3B106(1)020(2)2500AS
2.0
6
2.500
0.18
10
B
TP3B106(1)020(2)1000AS
2.0
6
1.000
0.29
10
C
TP3C106(1)020(2)1700AS
2.0
6
1.700
0.25
10
C
TP3C106(1)020(2)0450AS
2.0
6
0.450
0.49
Notes
• (1) Tolerance: K, M
• (2) Terminations and Packaging: C, D, E, F
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DC
LEAKAGE
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
(%)
MAX. ESR
AT + 25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
Irms
(A)


Số phần tương tự - TP3C106

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
TP3C106K010C0550AS VISHAY-TP3C106K010C0550AS Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
TP3C106K010C1800AS VISHAY-TP3C106K010C1800AS Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
TP3C106K016C0450AS VISHAY-TP3C106K016C0450AS Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
TP3C106K016C1800AS VISHAY-TP3C106K016C1800AS Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
TP3C106K020C0450AS VISHAY-TP3C106K020C0450AS Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
More results

Mô tả tương tự - TP3C106

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
593D VISHAY-593D_08 Datasheet
117Kb / 6P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® , Molded Case, Low ESR
Revision: 20-Oct-08
TR3B476K6R3C0500 VISHAY-TR3B476K6R3C0500 Datasheet
157Kb / 14P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Low ESR
Revision: 20-Feb-09
793DX VISHAY-793DX Datasheet
110Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, CECC Approved
Revision: 14-May-08
293D VISHAY-293D_08 Datasheet
109Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 05-May-08
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 04-Jul-13
593D156X0035D2TE3 VISHAY-593D156X0035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 09-Apr-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Jan-14
593D476X9016D2T VISHAY-593D476X9016D2T Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Oct-12
293D477X96R3E2TE3 VISHAY-293D477X96R3E2TE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 02-Jun-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com