công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TEA2019 bảng dữ liệu(PDF) 5 Page - STMicroelectronics

tên linh kiện TEA2019
Giải thích chi tiết về linh kiện  CURRENT MODE SWITCHING POWER SUPPLY CONTROL CIRCUIT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2019 bảng dữ liệu(HTML) 5 Page - STMicroelectronics

  TEA2019 Datasheet HTML 1Page - STMicroelectronics TEA2019 Datasheet HTML 2Page - STMicroelectronics TEA2019 Datasheet HTML 3Page - STMicroelectronics TEA2019 Datasheet HTML 4Page - STMicroelectronics TEA2019 Datasheet HTML 5Page - STMicroelectronics TEA2019 Datasheet HTML 6Page - STMicroelectronics TEA2019 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
• Efficient and fast switch-off
When the positive base drive is removed, 1s
(typically) will elapse before the application of
negative current therefore allowing a safe and
rapid collector current fall.
Safety Functions
• Overload & short-circuit protection
When the voltage applied to pin 12 exceeds the
current limitation thershold voltage [Vth(Ic)], the
output flip-flop is reset and the transistor is turned
off.
The shunt resistor Re must be calculated so as
to obtain the current limitation threshold on pin
12 at the maximum allowable collector current.
• Demagnetization sensing
This function disables any new conduction cycle
of the transistor as long as the core is not com-
pletely demagnetized.
When not used, pin 5 must be grounded.
• ton(max)
Outside the regulation area and in the absence
of current limitation, the maximum conduction
time is set at about 70% of the period.
• ton(min)
A minimum conducting time is ensured during
each period (see Figure 2).
• Supply voltage monitoring
The TEA2019 will stop operatingif VCC+on Pin 3
falls below the threshold level VCC(stop).
R
B
R e
IB
I
C
t
t
I
C
I
B
0
0
COLLECTOR
CURRENT
BIAS
CURRENT
I
C
I
B
R e
R
B
I
C
t
on(min)
1
12
TEA2019
Figure 2
Starting Process (Figure 3)
Prior to starting, a low current is drawn from the
high voltage source through a high value resistor.
This current charges the power supply storage
capacitor of the device.
No output pulses are available before the voltage
on pin 3 has reached the threshold level [VCC(start),
V
+
CC rising].
During this time the TEA2019 draws only 1mA
(typically). When the voltage on pin 3 reaches this
threshold base drive pulses appear.
The energy drawn by these pulses tends to dis-
charge the power supply storage capacitor. How-
ever a hysteresis of about 1.1V (typically) (
∆ VCC)
is implemented to avoid the device from stopping.
V
CC (start)
CC (stop)
V
V
CC
V
CC
6V
4.9V
t
Figure 3 : Normal TEA2019 Start up Sequence
TEA2019
5/7


Số phần tương tự - TEA2019

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
TEA2014 STMICROELECTRONICS-TEA2014 Datasheet
118Kb / 3P
   VIDEO SWITCHING CIRCUIT FOR TV
TEA2014A STMICROELECTRONICS-TEA2014A Datasheet
41Kb / 4P
   VIDEO SWITCH
May 1996
TEA2015A STMICROELECTRONICS-TEA2015A Datasheet
525Kb / 16P
   VERTICAL SWEEP FOR BLACK AND WHITE AND 90 COLOR TV SETS
TEA2015ASP STMICROELECTRONICS-TEA2015ASP Datasheet
525Kb / 16P
   VERTICAL SWEEP FOR BLACK AND WHITE AND 90 COLOR TV SETS
logo
NXP Semiconductors
TEA2016AAT NXP-TEA2016AAT Datasheet
808Kb / 58P
   Digital controller for high-efficiency resonant power supply
Rev. 1.2-6 April 2020
More results

Mô tả tương tự - TEA2019

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
TEA2018A STMICROELECTRONICS-TEA2018A Datasheet
77Kb / 7P
   CURRENT MODE SWITCHING POWER SUPPLY CONTROL CIRCUIT
May 1993
logo
Texas Instruments
TPS5206 TI-TPS5206 Datasheet
101Kb / 7P
[Old version datasheet]   SWITCHING-POWER-SUPPLY CONTROL CIRCUIT
logo
NXP Semiconductors
NE5560 PHILIPS-NE5560 Datasheet
240Kb / 16P
   Switched-mode power supply control circuit
1994 Aug 31
logo
List of Unclassifed Man...
UAA4006A ETC1-UAA4006A Datasheet
396Kb / 8P
   SWITCH MODE POWER SUPPLY CONTROL CIRCUIT
logo
NXP Semiconductors
NE5562 PHILIPS-NE5562 Datasheet
299Kb / 29P
   Switched-mode power supply control circuit
1994 Aug 31
logo
Seme LAB
IP1060A SEME-LAB-IP1060A Datasheet
27Kb / 3P
   SWITCHED MODE POWER SUPPLY CONTROL CIRCUIT
logo
NXP Semiconductors
NE5561 PHILIPS-NE5561 Datasheet
66Kb / 5P
   Switched-mode power supply control circuit
1994 Aug 31
logo
NTE Electronics
NTE7002 NTE-NTE7002 Datasheet
29Kb / 4P
   Integrated Circuit Switched Mode Power Supply Control
logo
NXP Semiconductors
TEA1039 PHILIPS-TEA1039 Datasheet
155Kb / 16P
   Control circuit for switched-mode power supply
August 1982
logo
Hitachi Semiconductor
HA17384 HITACHI-HA17384 Datasheet
144Kb / 31P
   High Speed Current Mode PWM Control IC for Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com