công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMBG188A bảng dữ liệu(PDF) 3 Page - Vishay Siliconix

tên linh kiện SMBG188A
Giải thích chi tiết về linh kiện  Surface Mount TRANSZORB® Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMBG188A bảng dữ liệu(HTML) 3 Page - Vishay Siliconix

  SMBG188A Datasheet HTML 1Page - Vishay Siliconix SMBG188A Datasheet HTML 2Page - Vishay Siliconix SMBG188A Datasheet HTML 3Page - Vishay Siliconix SMBG188A Datasheet HTML 4Page - Vishay Siliconix SMBG188A Datasheet HTML 5Page - Vishay Siliconix SMBG188A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SMBG5.0 thru SMBG188CA
Vishay General Semiconductor
Document Number: 88456
Revision: 22-Oct-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
Notes:
(1) Pulse test: tp ≤ 50 ms
(2) Surge current waveform per Fig. 3 and derate per Fig. 2
(3) For bi-directional types having VWM of 10 V and less, the ID limit is doubled
(4) All terms and symbols are consistent with ANSI/IEEE C62.35
(5) For the bi-directional SMBG/SMBJ5.0CA, the maximum VBR is 7.25 V
(6) VF = 3.5 V at IF = 50 A (uni-directional only)
(+) Underwriters laboratory recognition for the classification of protectors (QVGQ2) under the UL standard for safety 497B and file number
E136766 for both uni-directional and bi-directional devices
(+)SMBG43
MS
CS
47.8
58.4
1.0
43
1.0
7.8
76.7
(+)SMBG43A
MT
CT
47.8
52.8
1.0
43
1.0
8.6
69.4
(+)SMBG45
MU
MU
50.0
61.1
1.0
45
1.0
7.5
80.3
(+)SMBG45A
MV
MV
50.0
55.3
1.0
45
1.0
8.3
72.7
(+)SMBG48
MW
MW
53.3
65.1
1.0
48
1.0
7.0
85.5
(+)SMBG48A
MX
MX
53.3
58.9
1.0
48
1.0
7.8
77.4
(+)SMBG51
MY
MY
56.7
69.3
1.0
51
1.0
6.6
91.1
(+)SMBG51A
MZ
MZ
56.7
62.7
1.0
51
1.0
7.3
82.4
(+)SMBG54
ND
ND
60.0
73.3
1.0
54
1.0
6.2
96.3
(+)SMBG54A
NE
NE
60.0
66.3
1.0
54
1.0
6.9
87.1
(+)SMBG58
NF
NF
64.4
78.7
1.0
58
1.0
5.8
103
(+)SMBG58A
NG
NG
64.4
71.2
1.0
58
1.0
6.4
93.6
(+)SMBG60
NH
NH
66.7
81.5
1.0
60
1.0
5.6
107
(+)SMBG60A
NK
NK
66.7
73.7
1.0
60
1.0
6.2
96.8
(+)SMBG64
NL
NL
71.1
86.9
1.0
64
1.0
5.3
114
(+)SMBG64A
NM
NM
71.1
78.6
1.0
64
1.0
5.8
103
(+)SMBG70
NN
NN
77.8
95.1
1.0
70
1.0
4.8
125
(+)SMBG70A
NP
NP
77.8
86.0
1.0
70
1.0
5.3
113
(+)SMBG75
NQ
NQ
83.3
102
1.0
75
1.0
4.5
134
(+)SMBG75A
NR
NR
83.3
92.1
1.0
75
1.0
5.0
121
(+)SMBG78
NS
NS
86.7
106
1.0
78
1.0
4.3
139
(+)SMBG78A
NT
NT
86.7
95.8
1.0
78
1.0
4.8
126
(+)SMBG85
NU
NU
94.4
115
1.0
85
1.0
4.0
151
(+)SMBG85A
NV
NV
94.4
104
1.0
85
1.0
4.4
137
(+)SMBG90
NW
NW
100
122
1.0
90
1.0
3.8
160
(+)SMBG90A
NX
NX
100
111
1.0
90
1.0
4.1
146
(+)SMBG100
NY
NY
111
136
1.0
100
1.0
3.4
179
(+)SMBG100A
NZ
NZ
111
123
1.0
100
1.0
3.7
162
(+)SMBG110
PD
PD
122
149
1.0
110
1.0
3.1
196
(+)SMBG110A
PE
PE
122
135
1.0
110
1.0
3.4
177
(+)SMBG120
PF
PF
133
163
1.0
120
1.0
2.8
214
(+)SMBG120A
PG
PG
133
147
1.0
120
1.0
3.1
193
(+)SMBG130
PH
PH
144
176
1.0
130
1.0
2.6
231
(+)SMBG130A
PK
PK
144
159
1.0
130
1.0
2.9
209
(+)SMBG150
PL
PL
167
204
1.0
150
1.0
2.2
268
(+)SMBG150A
PM
PM
167
185
1.0
150
1.0
2.5
243
(+)SMBG160
PN
PN
178
218
1.0
160
1.0
2.1
287
(+)SMBG160A
PP
PP
178
197
1.0
160
1.0
2.3
259
(+)SMBG170
PQ
PQ
189
231
1.0
170
1.0
2.0
304
(+)SMBG170A
PR
PR
189
209
1.0
170
1.0
2.2
275
SMBG188
PT
PT
209
255
1.0
188
1.0
1.7
344
SMBG188A
PS
PS
209
231
1.0
188
1.0
2.0
328
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE TYPE
MODIFIED
GULL WING
DEVICE MARKING
CODE
BREAKDOWN
VOLTAGE
VBR AT IT
(1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (µA)
(3)
MAXIMUM
PEAK PULSE
SURGE
CURRENT
IPPM (A)
(2)
MAXIMUM
CLAMPING
VOLTAGE AT
IPPM
VC (V)
UNI
BI
MIN.
MAX.


Số phần tương tự - SMBG188A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
SMBG188A VISHAY-SMBG188A Datasheet
96Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 12-Nov-12
SMBG188A VISHAY-SMBG188A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
More results

Mô tả tương tự - SMBG188A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
SMCJ188CA VISHAY-SMCJ188CA Datasheet
121Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P4SMA300AHE3-61 VISHAY-P4SMA300AHE3-61 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-12
SMAJ5.0A VISHAY-SMAJ5.0A_12 Datasheet
389Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
SMC5K10A VISHAY-SMC5K10A Datasheet
92Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 06-Apr-17
1.5SMC VISHAY-1.5SMC_V01 Datasheet
110Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMBJ3V3 VISHAY-SMBJ3V3_V01 Datasheet
114Kb / 5P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMPC5.0A VISHAY-SMPC5.0A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 19-Apr-11
SMC3K22CA VISHAY-SMC3K22CA Datasheet
91Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 18-May-11
SMP24A-M3-84A VISHAY-SMP24A-M3-84A Datasheet
91Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 11-Dec-12
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com