công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSAL4400 bảng dữ liệu(PDF) 5 Page - Vishay Siliconix

tên linh kiện TSAL4400
Giải thích chi tiết về linh kiện  High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSAL4400 bảng dữ liệu(HTML) 5 Page - Vishay Siliconix

  TSAL4400_08 Datasheet HTML 1Page - Vishay Siliconix TSAL4400_08 Datasheet HTML 2Page - Vishay Siliconix TSAL4400_08 Datasheet HTML 3Page - Vishay Siliconix TSAL4400_08 Datasheet HTML 4Page - Vishay Siliconix TSAL4400_08 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Số phần tương tự - TSAL4400_08

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
TSAL4400-RSZ VISHAY-TSAL4400-RSZ Datasheet
112Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2023
TSAL4400 VISHAY-TSAL4400_16 Datasheet
114Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
Rev. 1.9, 03-Nov-16
TSAL4400 VISHAY-TSAL4400_V01 Datasheet
112Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2022
TSAL4400 VISHAY-TSAL4400_V02 Datasheet
112Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2023
More results

Mô tả tương tự - TSAL4400_08

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
TSAL5300 VISHAY-TSAL5300_08 Datasheet
214Kb / 6P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.9, 04-Sep-08
TSAL6200 VISHAY-TSAL6200_08 Datasheet
111Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 2.1, 04-Sep-08
TSAL6400 VISHAY-TSAL6400_08 Datasheet
117Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.7, 04-Sep-08
TSAL7400 VISHAY-TSAL7400_08 Datasheet
117Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.7, 04-Aug-08
TSAL6100 VISHAY-TSAL6100_08 Datasheet
110Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.5, 05-Sep-08
VSML3710 VISHAY-VSML3710_08 Datasheet
141Kb / 6P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.3, 04-Sep-08
TSAL7600 VISHAY-TSAL7600_08 Datasheet
120Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.7, 04-Sep-08
TSAL7200 VISHAY-TSAL7200_08 Datasheet
110Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.7, 04-Sep-08
TSML1000 VISHAY-TSML1000_11 Datasheet
199Kb / 9P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 2.0, 30-Jun-11
TSML1030 VISHAY-TSML1030 Datasheet
241Kb / 9P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.9, 04-Sep-08
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com