công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BZW03D110 bảng dữ liệu(PDF) 1 Page - Vishay Siliconix

tên linh kiện BZW03D110
Giải thích chi tiết về linh kiện  Zener Diodes with Surge Current Specification
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZW03D110 bảng dữ liệu(HTML) 1 Page - Vishay Siliconix

  BZW03D110 Datasheet HTML 1Page - Vishay Siliconix BZW03D110 Datasheet HTML 2Page - Vishay Siliconix BZW03D110 Datasheet HTML 3Page - Vishay Siliconix BZW03D110 Datasheet HTML 4Page - Vishay Siliconix BZW03D110 Datasheet HTML 5Page - Vishay Siliconix BZW03D110 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BZW03-Series
Document Number 85602
Rev. 1.4, 13-Apr-05
Vishay Semiconductors
www.vishay.com
1
949588
Zener Diodes with Surge Current Specification
Features
• Glass passivated junction
• Hermetically sealed package
• Clamping time in picoseconds
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Applications
Voltage regulators and transient suppression circuits
Mechanical Data
Case: SOD-64 Sintered glass case
Weight: approx. 858 mg
Packaging Codes/Options:
TAP / 2.5 k Ammopack (52 mm tape), 12.5 k/box
TR / 2.5 k 10 " reel
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Value
Unit
Power dissipation
l = 10 mm, TL = 25 °C
Pdiss
6.0
W
Tamb = 45 °C
Pdiss
1.85
W
Repetitive peak reverse power
dissipation
PZRM
20
W
Non repetitive peak surge power
dissipation
tp = 100 µs, Tj = 25 °C
PZSM
1000
W
Junction temperature
Tj
175
°C
Storage temperature range
Tstg
- 65 to + 175
°C
Parameter
Test condition
Symbol
Value
Unit
Junction ambient
l = 25 mm, TL = constant
RthJA
30
K/W
on PC board with spacing 37.5 mm
RthJA
70
K/W
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 1 A
VF
1.2
V
e2


Số phần tương tự - BZW03D110

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
BZW03D110 VISHAY-BZW03D110 Datasheet
64Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
BZW03D110 VISHAY-BZW03D110 Datasheet
101Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 1.5, 26-Aug-10
logo
New Jersey Semi-Conduct...
BZW03D110 NJSEMI-BZW03D110 Datasheet
269Kb / 3P
   Zener Diodes with Surge Current Specification
More results

Mô tả tương tự - BZW03D110

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
BZT03 VISHAY-BZT03_10 Datasheet
112Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 1.5, 26-Aug-10
BZD27C3V6P-E3-08 VISHAY-BZD27C3V6P-E3-08 Datasheet
127Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.2, 13-Aug-14
BZD27C3V6P VISHAY-BZD27C3V6P_13 Datasheet
109Kb / 7P
   Zener Diodes with Surge Current Specification
Rev. 2.1, 29-Nov-11
BZD27B-M VISHAY-BZD27B-M_V01 Datasheet
123Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
BZD27B-M VISHAY-BZD27B-M Datasheet
118Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZD27C VISHAY-BZD27C Datasheet
117Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.4., 15-Oct-15
BZG04 VISHAY-BZG04_08 Datasheet
184Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 2.2, 15-Sep-05
BZD27B VISHAY-BZD27B_V01 Datasheet
122Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
logo
Vaishali Semiconductor
BZD27C3V6P VAISH-BZD27C3V6P Datasheet
238Kb / 7P
   Zener Diodes with Surge Current Specification
logo
Vishay Siliconix
BZD27B VISHAY-BZD27B Datasheet
129Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZT03 VISHAY-BZT03_05 Datasheet
126Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Jul-05
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com