công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI1965DH bảng dữ liệu(PDF) 7 Page - Vishay Siliconix

tên linh kiện SI1965DH
Giải thích chi tiết về linh kiện  Dual P-Channel 12-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1965DH bảng dữ liệu(HTML) 7 Page - Vishay Siliconix

  SI1965DH Datasheet HTML 1Page - Vishay Siliconix SI1965DH Datasheet HTML 2Page - Vishay Siliconix SI1965DH Datasheet HTML 3Page - Vishay Siliconix SI1965DH Datasheet HTML 4Page - Vishay Siliconix SI1965DH Datasheet HTML 5Page - Vishay Siliconix SI1965DH Datasheet HTML 6Page - Vishay Siliconix SI1965DH Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Số phần tương tự - SI1965DH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
VBsemi Electronics Co.,...
SI1965DH-T1-GE3 VBSEMI-SI1965DH-T1-GE3 Datasheet
1,019Kb / 7P
   Dual P-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1965DH VISHAY-SI1965DH_V01 Datasheet
263Kb / 12P
   Dual P-Channel 12 V (D-S) MOSFET
01-Jan-2022
More results

Mô tả tương tự - SI1965DH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Power
AM6923P ANALOGPOWER-AM6923P Datasheet
186Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI4933DY VISHAY-SI4933DY Datasheet
44Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. B, 25-Nov-02
SI1917EDH VISHAY-SI1917EDH_V01 Datasheet
119Kb / 6P
   Dual P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI4933DY VISHAY-SI4933DY_V01 Datasheet
110Kb / 6P
   Dual P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SI7909DN VISHAY-SI7909DN_V01 Datasheet
91Kb / 6P
   Dual P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SIA975DJ VISHAY-SIA975DJ_V01 Datasheet
356Kb / 9P
   Dual P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI7909DN VISHAY-SI7909DN Datasheet
185Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. C, 27-Jun-05
SI6913DQ-T1-E3 VISHAY-SI6913DQ-T1-E3 Datasheet
222Kb / 11P
   Dual P-Channel 12 V (D-S) MOSFET
Rev. C, 11-Jun-12
SI6913DQ VISHAY-SI6913DQ Datasheet
79Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI5943DU VISHAY-SI5943DU Datasheet
272Kb / 3P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. A, 24-Jul-06
SI3973DV VISHAY-SI3973DV Datasheet
55Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. D, 29-Mar-04
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com