công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI1551DL-T1 bảng dữ liệu(PDF) 2 Page - Vishay Siliconix

tên linh kiện SI1551DL-T1
Giải thích chi tiết về linh kiện  Complementary 20-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1551DL-T1 bảng dữ liệu(HTML) 2 Page - Vishay Siliconix

  SI1551DL-T1 Datasheet HTML 1Page - Vishay Siliconix SI1551DL-T1 Datasheet HTML 2Page - Vishay Siliconix SI1551DL-T1 Datasheet HTML 3Page - Vishay Siliconix SI1551DL-T1 Datasheet HTML 4Page - Vishay Siliconix SI1551DL-T1 Datasheet HTML 5Page - Vishay Siliconix SI1551DL-T1 Datasheet HTML 6Page - Vishay Siliconix SI1551DL-T1 Datasheet HTML 7Page - Vishay Siliconix SI1551DL-T1 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Si1551DL
Vishay Siliconix
www.vishay.com
2
Document Number: 71255
S-42353—Rev. C, 20-Dec-04
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
N-Ch
0.6
1.5
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = −250 mA
P-Ch
−0.6
−1.5
V
Gate Body Leakage
IGSS
VDS = 0 V VGS = "12 V
N-Ch
"100
nA
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "12 V
P-Ch
"100
nA
VDS = 20 V, VGS = 0 V
N-Ch
1
Zero Gate Voltage Drain Current
IDSS
VDS = −20 V, VGS = 0 V
P-Ch
−1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V, TJ = 85_C
N-Ch
5
mA
VDS = −20 V, VGS = 0 V, TJ = 85_C
P-Ch
−5
On State Drain Currenta
ID( )
VDS w 5 V, VGS = 4.5 V
N-Ch
0.6
A
On-State Drain Currenta
ID(on)
VDS p −5 V, VGS = −4.5 V
P-Ch
−1.0
A
VGS = 4.5 V, ID = 0.29 A
N-Ch
1.55
1.9
VGS = −4.5 V, ID = −0.41 A
P-Ch
0.850
0.995
Drain Source On State Resistancea
rDS( )
VGS = 2.7 V, ID = 0.1 A
N-Ch
2.8
3.7
W
Drain-Source On-State Resistancea
rDS(on)
VGS = −2.7 V, ID = −0.25 A
P-Ch
1.23
1.600
W
VGS = 2.5 V, ID = 0.1 A
N-Ch
3.0
4.2
VGS = −2.5 V, ID = −0.25 A
P-Ch
1.4
1.800
Forward Transconductancea
gf
VDS = 10 V, ID = 0.29 A
N-Ch
0.3
S
Forward Transconductancea
gfs
VDS = −10 V, ID = −0.41 A
P-Ch
0.8
S
Diode Forward Voltagea
VSD
IS = 0.23 A, VGS = 0 V
N-Ch
0.8
1.2
V
Diode Forward Voltagea
VSD
IS = −0.23 A, VGS = 0 V
P-Ch
−0.8
−1.2
V
Dynamicb
Total Gate Charge
Qg
N-Ch
0.72
1.5
Total Gate Charge
Qg
N-Channel
P-Ch
0.52
1.8
Gate Source Charge
Q
N-Channel
VDS = 10 V, VGS = 4.5 V, ID = 0.29 A
N-Ch
0.22
nC
Gate-Source Charge
Qgs
P-Channel
V
10 V V
45 V I
0 41 A
P-Ch
0.11
nC
Gate Drain Charge
Q d
VDS = −10 V, VGS = −4.5 V, ID = −0.41 A
N-Ch
0.13
Gate-Drain Charge
Qgd
P-Ch
0.14
Turn On Delay Time
td( )
N-Ch
23
40
Turn-On Delay Time
td(on)
P-Ch
7.5
15
Rise Time
t
N-Channel
VDD = 10 V, RL = 20 W
N-Ch
30
60
Rise Time
tr
VDD = 10 V, RL = 20 W
ID ^ 0.5 A, VGEN = 4.5 V, Rg = 6 W
P-Ch
20
40
Turn Off Delay Time
td( ff)
g
P-Channel
V
10 V R
20 W
N-Ch
10
20
ns
Turn-Off Delay Time
td(off)
VDD = −10 V, RL = 20 W
ID ^ −0.5 A, VGEN = −4.5 V, Rg = 6 W
P-Ch
8.5
17
ns
Fall Time
tf
ID ^ 0.5 A, VGEN = 4.5 V, Rg = 6 W
N-Ch
15
30
Fall Time
tf
P-Ch
12
24
Source-Drain
t
IF = 0.23 A, di/dt = 100 A/ms
N-Ch
20
40
Source-Drain
Reverse Recovery Time
trr
IF = −0.23 A, di/dt = 100 A/ms
P-Ch
25
40
Notes
a.
Pulse test; pulse width v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.


Số phần tương tự - SI1551DL-T1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
SI1551DL VISHAY-SI1551DL Datasheet
62Kb / 7P
   Complementary 20-V (D-S) MOSFET
Rev. B, 12-Aug-02
SI1551DL VISHAY-SI1551DL Datasheet
313Kb / 5P
   Complementary 20-V (D-S) MOSFET
Rev. B, 28-Feb-05
SI1551DL VISHAY-SI1551DL Datasheet
238Kb / 12P
   Complementary 20 V (D-S) MOSFET
Rev. D, 19-Apr-10
SI1551DL VISHAY-SI1551DL Datasheet
133Kb / 8P
   Complementary 20 V (D-S) MOSFET
01-Jan-2022
SI1551DL VISHAY-SI1551DL_05 Datasheet
313Kb / 5P
   Complementary 20-V (D-S) MOSFET
Rev. B, 28-Feb-05
More results

Mô tả tương tự - SI1551DL-T1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
SI5515DC VISHAY-SI5515DC_V01 Datasheet
272Kb / 13P
   Complementary 20 V (D-S) MOSFET
08-Feb-17
SI1551DL VISHAY-SI1551DL Datasheet
62Kb / 7P
   Complementary 20-V (D-S) MOSFET
Rev. B, 12-Aug-02
SI5515DC VISHAY-SI5515DC Datasheet
82Kb / 8P
   Complementary 20-V (D-S) MOSFET
Rev. B, 14-Jun-04
SI5513DC VISHAY-SI5513DC Datasheet
83Kb / 7P
   Complementary 20-V (D-S) MOSFET
Rev. F, 15-Nov-04
SI1551DL VISHAY-SI1551DL_05 Datasheet
313Kb / 5P
   Complementary 20-V (D-S) MOSFET
Rev. B, 28-Feb-05
SI1551DL VISHAY-SI1551DL_10 Datasheet
238Kb / 12P
   Complementary 20 V (D-S) MOSFET
Rev. D, 19-Apr-10
logo
Guangdong Kexin Industr...
KI1551DL KEXIN-KI1551DL Datasheet
55Kb / 2P
   Complementary 20-V (D-S) MOSFET
KI1553DL KEXIN-KI1553DL Datasheet
55Kb / 2P
   Complementary 20-V (D-S) MOSFET
KI5515DC KEXIN-KI5515DC Datasheet
69Kb / 2P
   Complementary 20-V (D-S) MOSFET
KI5513DC KEXIN-KI5513DC Datasheet
70Kb / 2P
   Complementary 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com