công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI1405BDH-T1-E3 bảng dữ liệu(PDF) 2 Page - Vishay Siliconix

tên linh kiện SI1405BDH-T1-E3
Giải thích chi tiết về linh kiện  P-Channel 1.8-V (G-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1405BDH-T1-E3 bảng dữ liệu(HTML) 2 Page - Vishay Siliconix

  SI1405BDH-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI1405BDH-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI1405BDH-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI1405BDH-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI1405BDH-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI1405BDH-T1-E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number: 74634
S-71945-Rev. A, 10-Sep-07
Vishay Siliconix
Si1405BDH
New Product
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 µA
- 8
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = - 250 µA
- 5.4
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
1.98
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 0.45
- 0.95
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = - 8 V
- 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 8 V, VGS = 0 V
- 1
µA
VDS = - 8 V, VGS = 0 V, TJ = 55 °C
- 10
On-State Drain Currenta
ID(on)
VDS ≤ 5 V, VGS = - 4.5 V
- 8
A
Drain-Source On-State Resistancea
rDS(on)
VGS = - 4.5 V, ID = - 2.8 A
0.091
0.112
Ω
VGS = - 2.5 V, ID = - 2.3 A
0.132
0.160
VGS = - 1.8 V, ID = - 0.5 A
0.171
0.205
Forward Transconductancea
gfs
VDS = - 4 V, ID = - 2.8 A
4.8
S
Dynamicb
Input Capacitance
Ciss
VDS = - 4 V, VGS = 0 V, f = 1 MHz
305
pF
Output Capacitance
Coss
108
Reverse Transfer Capacitance
Crss
66
Total Gate Charge
Qg
VDS = - 4 V, VGS = - 4.5 V, ID = - 2.8 A
3.67
5.5
nC
Gate-Source Charge
Qgs
0.61
Gate-Drain Charge
Qgd
0.98
Gate Resistance
Rg
f = 1 MHz
6.3
Ω
Turn-On Delay Time
td(on)
VDD = - 4 V, RL = 1.78 Ω
ID ≅ - 2.25 A, VGEN = - 4.5 V, Rg = 1 Ω
10
15
ns
Rise Time
tr
26
39
Turn-Off Delay Time
td(off)
16
24
Fall Time
tf
7
10.5
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
- 1.6
A
Pulse Diode Forward Current
ISM
- 8
Body Diode Voltage
VSD
IS = 1.4 A, VGS = 0 V
- 0.8
- 1.2
V
Body Diode Reverse Recovery Time
trr
IF = - 1.4 A, di/dt = 100 A/µs, TJ = 25 °C
23
35
ns
Body Diode Reverse Recovery Charge
Qrr
5.8
8.7
nC
Reverse Recovery Fall Time
ta
6
ns
Reverse Recovery Rise Time
tb
17


Số phần tương tự - SI1405BDH-T1-E3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
VBsemi Electronics Co.,...
SI1405BDH-T1-GE3 VBSEMI-SI1405BDH-T1-GE3 Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
More results

Mô tả tương tự - SI1405BDH-T1-E3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
SI1305DL VISHAY-SI1305DL Datasheet
42Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 07-Apr-03
SI2311DS-T1-E3 VISHAY-SI2311DS-T1-E3 Datasheet
214Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 24-Mar-08
SI1407DL-T1 VISHAY-SI1407DL-T1 Datasheet
80Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 12-Jun-06
SI4465ADY VISHAY-SI4465ADY Datasheet
216Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Jan-07
SI6467BDQ VISHAY-SI6467BDQ_05 Datasheet
196Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 12-Dec-05
SI1307DL VISHAY-SI1307DL Datasheet
68Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Nov-99
SI1407DL VISHAY-SI1407DL Datasheet
64Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 17-Jul-00
SI1305DL VISHAY-SI1305DL_08 Datasheet
109Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
S-51075-Rev. D, 13-Jun-05
logo
Leshan Radio Company
LSI1013XT1G LRC-LSI1013XT1G Datasheet
371Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI6467BDQ-T1-E3 VISHAY-SI6467BDQ-T1-E3 Datasheet
208Kb / 11P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 31-Mar-08
SI2315BDS VISHAY-SI2315BDS_V01 Datasheet
181Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com