công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI1069X-T1-E3 bảng dữ liệu(PDF) 2 Page - Vishay Siliconix

tên linh kiện SI1069X-T1-E3
Giải thích chi tiết về linh kiện  P-Channel 20-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1069X-T1-E3 bảng dữ liệu(HTML) 2 Page - Vishay Siliconix

  SI1069X-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI1069X-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI1069X-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI1069X-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI1069X-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI1069X-T1-E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number: 70442
S-80641-Rev. B, 24-Mar-08
Vishay Siliconix
Si1069X
New Product
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 µA
- 20
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = - 250 µA
- 16.7
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
2.95
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 0.6
- 1.5
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 12 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 20 V, VGS = 0 V
- 1
nA
VDS = - 20 V, VGS = 0 V, TJ = 85 °C
- 10
µA
On-State Drain Currenta
ID(on)
VDS = ≥ 5 V, VGS = - 4.5 V
- 8
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 4.5 V, ID = - 0.94 A
0.153
0.184
Ω
VGS = - 2.5 V, ID = - 0.78 A
0.218
0.268
Forward Transconductance
gfs
VDS = - 10 V, ID = - 0.94 A
4S
Dynamicb
Input Capacitance
Ciss
VDS = - 10 V, VGS = 0 V, f = 1 MHz
308
pF
Output Capacitance
Coss
78
Reverse Transfer Capacitance
Crss
59
Total Gate Charge
Qg
VDS = - 10 V, VGS = - 5 V, ID = - 0.94 A
4.57
6.86
nC
VDS = - 10 V, VGS = - 4.5 V, ID = - 0.94 A
4.23
6.35
Gate-Source Charge
Qgs
0.71
Gate-Drain Charge
Qgd
1.67
Gate Resistance
Rg
f = 1 MHz
9
13.5
Ω
Turn-On Delay Time
td(on)
VDD = - 10 V, RL = 13.3 Ω
ID ≅ - 0.75 A, VGEN = - 4.5 V, Rg = 1 Ω
19
28.5
ns
Rise Time
tr
31
47
Turn-Off DelayTime
td(off)
23
34.5
Fall Time
tf
7
10.5
Drain-Source Body Diode Characteristics
Pulse Diode Forward Currenta
ISM
8A
Body Diode Voltage
VSD
IS = - 0.64 A
- 0.8
- 1.2
V
Body Diode Reverse Recovery Time
trr
IF = - 0.64 A, di/dt = 100 A/µs
19
28.5
nC
Body Diode Reverse Recovery Charge
Qrr
6.65
10
ns
Reverse Recovery Fall Time
ta
7
Reverse Recovery Rise Time
tb
12


Số phần tương tự - SI1069X-T1-E3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SI106 ETC-SI106 Datasheet
419Kb / 1P
   SMT Power Inductor
logo
Delta Electronics, Inc.
SI106 DELTA-SI106 Datasheet
88Kb / 1P
   SMT Power Inductor
logo
List of Unclassifed Man...
SI106-100 ETC-SI106-100 Datasheet
419Kb / 1P
   SMT Power Inductor
logo
Delta Electronics, Inc.
SI106-100K DELTA-SI106-100K Datasheet
88Kb / 1P
   SMT Power Inductor
logo
List of Unclassifed Man...
SI106-101 ETC-SI106-101 Datasheet
419Kb / 1P
   SMT Power Inductor
More results

Mô tả tương tự - SI1069X-T1-E3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com