công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI1056X-T1-E3 bảng dữ liệu(PDF) 2 Page - Vishay Siliconix

tên linh kiện SI1056X-T1-E3
Giải thích chi tiết về linh kiện  N-Channel 20-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1056X-T1-E3 bảng dữ liệu(HTML) 2 Page - Vishay Siliconix

  SI1056X-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI1056X-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI1056X-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI1056X-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI1056X-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI1056X-T1-E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number: 73895
S-80641-Rev. B, 24-Mar-08
Vishay Siliconix
Si1056X
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
20
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
18.2
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 2.71
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
0.35
0.95
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
1nA
VDS = 20 V, VGS = 0 V, TJ = 85 °C
10
µA
On-State Drain Currenta
ID(on)
VDS = ≥ 5 V, VGS = 4.5 V
6
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 4.5 V, ID = 1.32 A
0.074
0.089
Ω
VGS = 2.5 V, ID = 1.26 A
0.082
0.098
VGS = 1.8 V, ID = 1.13 A
0.093
0.121
Forward Transconductance
gfs
VDS = 10 V, ID = 1.32 A
7.5
S
Dynamicb
Input Capacitance
Ciss
VDS = 10 V, VGS = 0 V, f = 1 MHz
400
pF
Output Capacitance
Coss
70
Reverse Transfer Capacitance
Crss
40
Total Gate Charge
Qg
VDS = 10 V, VGS = 5 V, ID = 1.32 A
5.8
8.7
nC
VDS = 10 V, VGS = 4.5 V, ID = 1.32 A
5.2
7.8
Gate-Source Charge
Qgs
0.83
Gate-Drain Charge
Qgd
0.71
Gate Resistance
Rg
f = 1 MHz
3.8
5.7
Ω
Turn-On Delay Time
td(on)
VDD = 10 V, RL = 9.52 Ω
ID ≅ 1.05 A, VGEN = 4.5 V, Rg = 1 Ω
6.8
10.2
ns
Rise Time
tr
19
28.5
Turn-Off Delay Time
td(off)
18
27
Fall Time
tf
69
Drain-Source Body Diode Characteristics
Pulse Diode Forward Currenta
ISM
6A
Body Diode Voltage
VSD
IS = 1.0 A
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 1.0 A, di/dt = 100 A/µs
10.0
15
nC
Body Diode Reverse Recovery Charge
Qrr
3.5
5.3
ns
Reverse Recovery Fall Time
ta
6.6
Reverse Recovery Rise Time
tb
3.4


Số phần tương tự - SI1056X-T1-E3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
SI1056X VISHAY-SI1056X Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
More results

Mô tả tương tự - SI1056X-T1-E3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com