công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74V235-10PAG bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74V235-10PAG
Giải thích chi tiết về linh kiện  512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74V235-10PAG bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button SN74V235-10PAG Datasheet HTML 2Page - Texas Instruments SN74V235-10PAG Datasheet HTML 3Page - Texas Instruments SN74V235-10PAG Datasheet HTML 4Page - Texas Instruments SN74V235-10PAG Datasheet HTML 5Page - Texas Instruments SN74V235-10PAG Datasheet HTML 6Page - Texas Instruments SN74V235-10PAG Datasheet HTML 7Page - Texas Instruments SN74V235-10PAG Datasheet HTML 8Page - Texas Instruments SN74V235-10PAG Datasheet HTML 9Page - Texas Instruments SN74V235-10PAG Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
SN74V215, SN74V225, SN74V235, SN74V245
512
× 18, 1024 × 18, 2048 × 18, 4096 × 18
DSP-SYNC
 FIRST-IN, FIRST-OUT MEMORIES
SCAS636E – APRIL 2000 – REVISED SEPTEMBER 2002
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description (continued)
READ ENABLE (REN)
When REN is low, data is loaded from the RAM array into the output register on the rising edge of every RCLK
cycle if the device is not empty.
When REN is high, the output register holds the previous data and no new data is loaded into the output register.
Data outputs Q0–Qn maintain the previous data value.
In the standard mode, every word accessed at Qn, including the first word written to an empty FIFO, must be
requested using REN. When the last word has been read from the FIFO, the empty flag (EF) goes low, inhibiting
further read operations. REN is ignored when the FIFO is empty. After a write is performed, EF goes high,
allowing a read to occur. The EF flag is updated on the rising edge of RCLK.
In the FWFT mode, the first word written to an empty FIFO automatically goes to the outputs Qn, on the third
valid low-to-high transition of RCLK + tSKEW after the first write. REN need not be asserted low. To access all
other words, a read must be executed using REN. The RCLK low-to-high transition after the last word has been
read from the FIFO, output ready (OR) goes high with a true read (RCLK with REN low), inhibiting further read
operations. REN is ignored when the FIFO is empty.
OUTPUT ENABLE (OE)
When OE is low, the parallel output buffers transmit data from the output register. When OE is high, the Q-output
data bus is in the high-impedance state.
LOAD (LD)
The SN74V215, SN74V225, SN74V235, and SN74V245 devices contain two 12-bit offset registers with data
on the inputs, or read on the outputs. When LD is low and WEN is low, data on the inputs D0–D11 is written into
the empty offset register on the first low-to-high transition of the write clock (WCLK). When LD and WEN are
held low, data is written into the full offset register on the second low-to-high transition of WCLK (see Tables 1
and 2). The third transition of WCLK again writes to the empty-offset register.
However, writing to all offset registers need not occur at one time. One or two offset registers can be written and
then, by bringing LD high, the FIFO is returned to normal read/write operation. When LD is low, and WEN is low,
the next offset register in sequence is written.
Table 1. Writing to Offset Registers
LD
WEN
WCLK
SELECTION†
L
L
Writing to offset registers:
Empty offset
Full offset
L
H
No operation
H
L
Write into FIFO
H
H
No operation
† The same selection sequence applies to reading from the
registers. REN is enabled and read is performed on the
low-to-high transition of RCLK.


Số phần tương tự - SN74V235-10PAG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74V235-10PAG TI-SN74V235-10PAG Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
More results

Mô tả tương tự - SN74V235-10PAG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74V215 TI-SN74V215_06 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Integrated Device Techn...
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
logo
Sharp Corporation
LH540235 SHARP-LH540235 Datasheet
369Kb / 46P
   2048 x 18 / 4096 x 18 Synchronous FIFOs
logo
Texas Instruments
SN74ACT7814-40DL TI1-SN74ACT7814-40DL Datasheet
525Kb / 16P
[Old version datasheet]   64 x 18 STROBED FIRST-IN, FIRST-OUT MEMORY
logo
Sharp Corporation
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
   512 x 18 / 1024 x 18 Synchronous FIFO
logo
Integrated Device Techn...
IDT72511 IDT-IDT72511 Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
logo
Texas Instruments
SN74ALVC7804 TI-SN74ALVC7804 Datasheet
150Kb / 11P
[Old version datasheet]   512 횞 18 FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7804 TI-SN74ALVC7804_07 Datasheet
241Kb / 13P
[Old version datasheet]   512 횞 18 FIRST-IN, FIRST-OUT MEMORY
logo
Integrated Device Techn...
IDT72510 IDT-IDT72510 Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com