công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IRFPG50 bảng dữ liệu(PDF) 1 Page - Vishay Siliconix

tên linh kiện IRFPG50
Giải thích chi tiết về linh kiện  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFPG50 bảng dữ liệu(HTML) 1 Page - Vishay Siliconix

  IRFPG50 Datasheet HTML 1Page - Vishay Siliconix IRFPG50 Datasheet HTML 2Page - Vishay Siliconix IRFPG50 Datasheet HTML 3Page - Vishay Siliconix IRFPG50 Datasheet HTML 4Page - Vishay Siliconix IRFPG50 Datasheet HTML 5Page - Vishay Siliconix IRFPG50 Datasheet HTML 6Page - Vishay Siliconix IRFPG50 Datasheet HTML 7Page - Vishay Siliconix IRFPG50 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 91254
www.vishay.com
S-81368-Rev. A, 21-Jul-08
1
Power MOSFET
IRFPG50, SiHFPG50
Vishay Siliconix
FEATURES
• Dynamic dV/dt Rating
• Repetitive Avalanche Rated
• Isolated Central Mounting Hole
• Fast Switching
• Ease of Paralleling
• Simple Drive Requirements
• Lead (Pb)-free Available
DESCRIPTION
Third generation Power MOSFETs from Vishay provide the
designer with the best combination of fast switching,
ruggedized
device
design,
low
on-resistance
and
cost-effectiveness.
The TO-247 package is preferred for commercial-industrial
applications where higher power levels preclude the use of
TO-220 devices. The TO-247 is similar but superior to the
earlier TO-218 package because its isolated mounting hole.
It also provides greater creepage distances between pins to
meet the requirements of most safety specifications.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. VDD = 50 V, starting TJ = 25 °C, L = 40 mH, RG = 25 Ω, IAS = 6.1 A (see fig. 12).
c. ISD ≤ 6.1 A, dI/dt ≤ 120 A/µs, VDD ≤ 600, TJ ≤ 150 °C.
d. 1.6 mm from case.
PRODUCT SUMMARY
VDS (V)
1000
RDS(on) (Ω)VGS = 10 V
2.0
Qg (Max.) (nC)
190
Qgs (nC)
23
Qgd (nC)
110
Configuration
Single
N-Channel MOSFET
G
D
S
TO-247
G
D
S
Available
RoHS*
COMPLIANT
ORDERING INFORMATION
Package
TO-247
Lead (Pb)-free
IRFPG50PbF
SiHFPG50-E3
SnPb
IRFPG50
SiHFPG50
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
1000
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
VGS at 10 V
TC = 25 °C
ID
6.1
A
TC = 100 °C
3.9
Pulsed Drain Currenta
IDM
24
Linear Derating Factor
1.5
W/°C
Single Pulse Avalanche Energyb
EAS
800
mJ
Repetitive Avalanche Currenta
IAR
6.0
A
Repetitive Avalanche Energya
EAR
19
mJ
Maximum Power Dissipation
TC = 25 °C
PD
190
W
Peak Diode Recovery dV/dtc
dV/dt
1.0
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d
Mounting Torque
6-32 or M3 screw
10
lbf · in
1.1
N · m
* Pb containing terminations are not RoHS compliant, exemptions may apply


Số phần tương tự - IRFPG50

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
IRFPG50 IRF-IRFPG50 Datasheet
211Kb / 8P
   Power MOSFET(Vdss=1000V, Rds(on)=2.0ohm, Id=6.1A)
logo
Vishay Siliconix
IRFPG50 VISHAY-IRFPG50 Datasheet
1Mb / 9P
   Power MOSFET
Rev. B, 14-Mar-11
IRFPG50 VISHAY-IRFPG50 Datasheet
397Kb / 11P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRFPG50PBF IRF-IRFPG50PBF Datasheet
242Kb / 8P
   HEXFET Power MOSFET
logo
Vishay Siliconix
IRFPG50PBF VISHAY-IRFPG50PBF Datasheet
397Kb / 11P
   Power MOSFET
01-Jan-2022
More results

Mô tả tương tự - IRFPG50

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com