công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LA0151CS bảng dữ liệu(PDF) 1 Page - Sanyo Semicon Device

tên linh kiện LA0151CS
Giải thích chi tiết về linh kiện  Monolithic Linear IC For Ultra-small illumination Sensor Photo IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA0151CS bảng dữ liệu(HTML) 1 Page - Sanyo Semicon Device

  LA0151CS Datasheet HTML 1Page - Sanyo Semicon Device LA0151CS Datasheet HTML 2Page - Sanyo Semicon Device LA0151CS Datasheet HTML 3Page - Sanyo Semicon Device LA0151CS Datasheet HTML 4Page - Sanyo Semicon Device LA0151CS Datasheet HTML 5Page - Sanyo Semicon Device LA0151CS Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
51408 MS 20080507-S00003 / 13008 MS 20080117-S00001 / N2107 MS PC 20071022-S00007 No.A0975-1/6
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
LA0151CS
Overview
The LA0151CS is a photo IC for ultra-small illumination sensor. It enables to be mounted on a very small limited space
such as on the mobile phones which is becoming small and thinner and on other mobile applications.
Functions
• Linear current output
• Low gain mode function [low gain : -35dB]
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC
6V
Operating temperature
Topr
-30 to +85
°C
Storage temperature
Tstg
-40 to +100
°C
Recommended operating conditions and operating voltage range at Ta = 25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Recommended supply voltage
VCC
2.2
3.3
5.5
V
SW pin low voltage
Vl
Normal gain mode
0
0.4
V
SW pin high voltage
Vh
Low gain mode
2.1
V
Monolithic Linear IC
For Ultra-small illumination Sensor
Photo IC
Ordering number : ENA0975B


Số phần tương tự - LA0151CS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LA0151CS ONSEMI-LA0151CS Datasheet
160Kb / 7P
   Ambient Light Sensor Linear Current Output
April 2015- Rev. 1
More results

Mô tả tương tự - LA0151CS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LA0152CS SANYO-LA0152CS Datasheet
243Kb / 6P
   Monolithic Linear IC For Ultra-small illumination Sensor Photo IC
logo
ON Semiconductor
ENA1633 ONSEMI-ENA1633 Datasheet
202Kb / 7P
   Photo IC for Ultra-small illumination Sensor
August, 2013
ENA0975B ONSEMI-ENA0975B Datasheet
143Kb / 7P
   Photo IC for Ultra-small illumination Sensor
August, 2013
logo
Sanyo Semicon Device
LV0101CF SANYO-LV0101CF Datasheet
184Kb / 6P
   For Ultra-small illumination Sensor Photo IC
LV0111CF SANYO-LV0111CF Datasheet
184Kb / 6P
   For Micro-sized illumination Sensor Photo IC
logo
ON Semiconductor
LV0111CF ONSEMI-LV0111CF Datasheet
148Kb / 7P
   Photo IC for Micro-sized illumination Sensor
August, 2013
logo
Toshiba Semiconductor
TPS831 TOSHIBA-TPS831 Datasheet
298Kb / 6P
   TOSHIlBA PHOTO IC SI MONOLITHIC PHOTO IC
logo
Asahi Kasei Microsystem...
AK9752 AKM-AK9752 Datasheet
1Mb / 36P
   Ultra-small IR sensor IC with IC
AK9752AE AKM-AK9752AE Datasheet
1Mb / 36P
   Ultra-small IR sensor IC with IC
logo
ON Semiconductor
LB1837M ONSEMI-LB1837M Datasheet
325Kb / 6P
   Monolithic Linear IC
November, 2013
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com