công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCH6331 bảng dữ liệu(PDF) 1 Page - Sanyo Semicon Device

tên linh kiện MCH6331
Giải thích chi tiết về linh kiện  P-Channel Silicon MOSFET General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH6331 bảng dữ liệu(HTML) 1 Page - Sanyo Semicon Device

  MCH6331 Datasheet HTML 1Page - Sanyo Semicon Device MCH6331 Datasheet HTML 2Page - Sanyo Semicon Device MCH6331 Datasheet HTML 3Page - Sanyo Semicon Device MCH6331 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MCH6331
No. A1017-1/4
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENA1017
MCH6331
P-Channel Silicon MOSFET
General-Purpose Switching Device
Applications
SANYO Semiconductors
DATA SHEET
Features
Low ON-resistance.
4V drive
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
--30
V
Gate-to-Source Voltage
VGSS
±20
V
Drain Current (DC)
ID
--3.5
A
Drain Current (Pulse)
IDP
PW≤10μs, duty cycle≤1%
--14
A
Allowable Power Dissipation
PD
When mounted on ceramic substrate (1200mm2
✕0.8mm)
1.5
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=--1mA, VGS=0V
--30
V
Zero-Gate Voltage Drain Current
IDSS
VDS=--30V, VGS=0V
--1
μA
Gate-to-Source Leakage Current
IGSS
VGS=±16V, VDS=0V
±10
μA
Cutoff Voltage
VGS(off)
VDS=--10V, ID=--1mA
--1.2
--2.6
V
Forward Transfer Admittance
⏐yfs⏐
VDS=--10V, ID=--1.5A
1.68
2.8
S
RDS(on)1
ID=--1.5A, VGS=--10V
75
98
Static Drain-to-Source On-State Resistance
RDS(on)2
ID=--0.75A, VGS=--4.5V
122
171
RDS(on)3
ID=--0.75A, VGS=--4V
142
199
Marking : YF
Continued on next page.
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
11608PE TI IM TC-00001120


Số phần tương tự - MCH6331

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
MCH6331 SANYO-MCH6331 Datasheet
491Kb / 7P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
MCH6331 ONSEMI-MCH6331 Datasheet
496Kb / 5P
   Single P-Channel Power MOSFET
July 2015 - Rev. 2
logo
VBsemi Electronics Co.,...
MCH6331 VBSEMI-MCH6331 Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
logo
ON Semiconductor
MCH6331-TL-H ONSEMI-MCH6331-TL-H Datasheet
496Kb / 5P
   Single P-Channel Power MOSFET
July 2015 - Rev. 2
MCH6331-TL-W ONSEMI-MCH6331-TL-W Datasheet
496Kb / 5P
   Single P-Channel Power MOSFET
July 2015 - Rev. 2
More results

Mô tả tương tự - MCH6331

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
FW156 SANYO-FW156 Datasheet
37Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3322 SANYO-MCH3322 Datasheet
38Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3374 SANYO-MCH3374 Datasheet
55Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EMH1307 SANYO-EMH1307 Datasheet
336Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EMH1303 SANYO-EMH1303 Datasheet
59Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6325 SANYO-MCH6325 Datasheet
58Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6655 SANYO-MCH6655 Datasheet
60Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
SCH2311 SANYO-SCH2311 Datasheet
59Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
SMP3003 SANYO-SMP3003 Datasheet
242Kb / 3P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EC4306C SANYO-EC4306C Datasheet
58Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EC4309C SANYO-EC4309C Datasheet
58Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com