công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCH6123 bảng dữ liệu(PDF) 2 Page - Sanyo Semicon Device

tên linh kiện MCH6123
Giải thích chi tiết về linh kiện  PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH6123 bảng dữ liệu(HTML) 2 Page - Sanyo Semicon Device

  MCH6123 Datasheet HTML 1Page - Sanyo Semicon Device MCH6123 Datasheet HTML 2Page - Sanyo Semicon Device MCH6123 Datasheet HTML 3Page - Sanyo Semicon Device MCH6123 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MCH6123
No. A1291-2/4
1 : Collector
2 : Collector
3 : Base
4 : Emitter
5 : Collector
6 : Collector
SANYO : MCPH6
2.0
0.3
0.65
0.15
0 t o 0.02
65
4
12
3
65
4
12
3
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB= -40V, IE=0A
-1
μA
Emitter Cutoff Current
IEBO
VEB= -4V, IC=0A
-1
μA
DC Current Gain
hFE
VCE= -2V, IC= -100mA
200
560
Gain-Bandwidth Product
fT
VCE= -10V, IC= -500mA
390
MHz
Output Capacitance
Cob
VCB= -10V, f=1MHz
24
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)1
IC= -1A, IB= -50mA
-115
-230
mV
VCE(sat)2
IC= -2A, IB= -100mA
-240
-650
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC= -2A, IB= -100mA
-0.88
-1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC= -10μA, IE=0A
-50
V
Collector-to-Emitter Breakdown Voltage
V(BR)CES
IC= -100μA, RBE=0Ω
-50
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC= -1mA, RBE=∞
-50
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE= -10μA, IC=0A
-6
V
Turn-On Time
ton
See specified Test Circuit.
30
ns
Storage Time
tstg
See specified Test Circuit.
230
ns
Fall Time
tf
See specified Test Circuit.
18
ns
Package Dimensions
Switching Time Test Circuit
unit : mm (typ)
7022A-007
VR
RB
VCC= --25V
VBE=5V
--10IB1=10IB2=IC=--1A
+
+
50Ω
INPUT
OUTPUT
100μF
470μF
PW=20μs
IB1
D.C.1%
IB2
RL
0
--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
IC -- VBE
VCE= --2V
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--1.4
--1.6
--1.8
--2.0
IC -- VCE
0
--0.2 --0.3
--0.1
--0.4 --0.5 --0.6 --0.7 --0.8 --0.9 --1.0
--4mA
--10mA
--8mA
--6mA
--30mA
--20mA
--40mA
--2mA
IT04564
IT04566
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
Base-to-Emitter Voltage, VBE -- V
Collector-to-Emitter Voltage, VCE -- V
IB=0mA


Số phần tương tự - MCH6123

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MCH6123 ONSEMI-MCH6123 Datasheet
510Kb / 6P
   Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
MCH6123-TL-E ONSEMI-MCH6123-TL-E Datasheet
510Kb / 6P
   Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
More results

Mô tả tương tự - MCH6123

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
F5H2101 SANYO-F5H2101 Datasheet
64Kb / 5P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SA2192 SANYO-2SA2192 Datasheet
45Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SA2210 SANYO-2SA2210_12 Datasheet
249Kb / 5P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SA2186 SANYO-2SA2186 Datasheet
36Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
CPH3147 SANYO-CPH3147 Datasheet
39Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SA2210 SANYO-2SA2210 Datasheet
57Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
logo
Seme LAB
2SA2127 SEME-LAB-2SA2127 Datasheet
36Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
logo
Sanyo Semicon Device
2SA2203 SANYO-2SA2203 Datasheet
43Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
CPH3146 SANYO-CPH3146 Datasheet
40Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SA2153 SANYO-2SA2153 Datasheet
39Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
ECH8102 SANYO-ECH8102 Datasheet
296Kb / 5P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com