công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS5A22364YZPR bảng dữ liệu(PDF) 5 Page - Texas Instruments |
|
|
TS5A22364YZPR bảng dữ liệu(HTML) 5 Page - Texas Instruments |
5 / 28 page ELECTRICAL CHARACTERISTICS FOR 2.5-V SUPPLY (1) TS5A22362 ,, TS5A22364 www.ti.com.................................................................................................................................................... SCDS261B – MARCH 2008 – REVISED AUGUST 2008 V+ = 2.3 V to 2.7 V, TA = –40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Analog Switch Analog signal VCOM, V+ – 5.5 V+ V range VNO, VNC VNC or VNO = V+, 1.5 V, 25°C 0.65 0.94 ON-state COM to NO or NC, ron V+ – 5.5 V 2.7 V Ω resistance See Figure 16 Full 1.04 ICOM = –100 mA, ON-state 25°C 0.023 0.11 resistance match VNC or VNO = 1.5 V, COM to NO or NC, Δron 2.7 V Ω between ICOM = –100 mA, See Figure 16 Full 0.15 channels ON-state VNC or VNO = V+, 1.5 V, 25°C 0.18 0.46 COM to NO or NC, resistance ron(flat) V+ – 5.5 V 2.7 V Ω See Figure 16 Full 0.5 flatness ICOM = –100 mA, Shunt switch resistance rSH INO or INC = 10 mA Full 2.7 V 25 50 Ω (TS5A22364 only) VNC = 2.25 V, V+ – 5.5 V 25°C –50 50 VCOM = V+ – 5.5 V, 2.25 V NC, NO VNO = Open OFF leakage COM to NO INC(OFF), current or See Figure 17 2.7 nA INO(OFF) Full –375 375 (TS5A22362 VNO = 2.25 V, V+ – 5.5 V, Only) VCOM = V+ – 5.5 V, 2.25 V VNC = Open COM to NC COM 25°C –50 50 VNC and VNO = Open, ON leakage ICOM(ON) See Figure 18 2.7 V nA VCOM = V+,V+ – 5.5 V, Full –375 375 current Digital Control Inputs (IN)(2) Input logic high VIH Full 1.4 5.5 V Input logic low VIL Full 0.6 V 25°C –250 250 Input leakage IIH, IIL VIN = V+ or 0 2.7 V nA current Full –250 250 (1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum (2) All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. Copyright © 2008, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Link(s): TS5A22362 TS5A22364 |
Số phần tương tự - TS5A22364YZPR |
|
Mô tả tương tự - TS5A22364YZPR |