công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS5A9411DCKT bảng dữ liệu(PDF) 8 Page - Texas Instruments |
|
|
TS5A9411DCKT bảng dữ liệu(HTML) 8 Page - Texas Instruments |
8 / 21 page TS5A9411 SCDS241A – MAY 2008 – REVISED JULY 2008 ............................................................................................................................................................... www.ti.com ELECTRICAL CHARACTERISTICS FOR 2.5-V SUPPLY (continued) V+ = 2.25 V to 2.75, TA = –40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Dynamic 25°C 2.5 V 18 VCOM = 2 V, CL = 35 pF, Turn-on time tON ns 2.25 V to RL = 300 Ω, See Figure 10 Full 20 2.75 V 25°C 2.5 V 8 VCOM = 2 V, CL = 35 pF, Turn-off time tOFF ns 2.25 V to RL = 300 Ω, See Figure 10 Full 9.5 2.75 V 25°C 1 Break-before- VNC = VNO = 2 V, CL = 35 pF, tBBM 2.5 V ns make time RL = 300 Ω, See Figure 11 Full 0.9 VGEN = 0, CL = 1 nF, Charge injection QC 25°C 2.5 V 4.5 pC RGEN = 0, See Figure 15 NC, NO CNC(OFF), VNC or VNO = V+ or GND, Switch OFF, OFF 25°C 2.5 V 3.5 pF CNO(OFF) f = 1 MHz, See Figure 9 capacitance NC, NO CNC(ON), VNC or VNO = V+ or GND, Switch OFF, 25°C 2.5 V 8.5 pF ON capacitance CNO(ON) f = 1 MHz, See Figure 9 COM VCOM = V+ or GND, Switch OFF, CCOM(ON) 25°C 2.5 V 8.5 pF ON capacitance f = 1 MHz, See Figure 9 Digital input VI = V+ or GND, Ci See Figure 9 25°C 2.5 V 2.5 pF capacitance f = 1 MHz, RL = 50 Ω, Bandwidth BW See Figure 12 25°C 2.5 V 100 MHz Switch ON, RL = 50 Ω, Switch OFF, OFF isolation OISO 25°C 2.5 V –84 dB f = 1 MHz, See Figure 13 RL = 50 Ω, Switch ON, Crosstalk XTALK 25°C 2.5 V –84 dB f = 1 MHz, See Figure 14 f = 20 Hz to 20 Total harmonic RL = 600 Ω, THD kHz, 25°C 2.5 V 0.15 % distortion CL = 50 pF, See Figure 16 25°C 0.01 Positive supply Switch ON or I+ VI = V+ or GND, 2.75 V µA current OFF Full 0.5 8 Submit Documentation Feedback Copyright © 2008, Texas Instruments Incorporated Product Folder Link(s): TS5A9411 |
Số phần tương tự - TS5A9411DCKT |
|
Mô tả tương tự - TS5A9411DCKT |