công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS3L500AE bảng dữ liệu(PDF) 11 Page - Texas Instruments |
|
|
TS3L500AE bảng dữ liệu(HTML) 11 Page - Texas Instruments |
11 / 17 page PARAMETER MEASUREMENT INFORMATION (continued) Network Analyzer (HP8753ES) RL = 100 Ω EXT TRIGGER BIAS P1 P2 DUT A0 SEL 0B1 VSEL VCC VBIAS A1 1B2 1B1 RL = 100 Ω 2B1 3B1 A2 A3 0B2 3B2 2B2 HP8753ES Setup TS3L500AE www.ti.com ....................................................................................................................................................... SCDS246A – JUNE 2007 – REVISED AUGUST 2008 A. CL includes probe and jig capacitance. B. A 50- Ω termination resistor is needed to match the loading of the network analyzer. Figure 8. Test Circuit for Crosstalk (XTALK) Crosstalk is measured at the output of the nonadjacent ON channel. For example, when VSEL = 0 and A1 is the input, the output is measured at A3. All unused analog input (A) ports are connected to GND, and output (B) ports are left open. Average = 4 RBW = 3 kHz VBIAS = 0.35 V ST = 2 s P1 = 0 dBM Copyright © 2007–2008, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Link(s): TS3L500AE |
Số phần tương tự - TS3L500AE |
|
Mô tả tương tự - TS3L500AE |