công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS3A24157 bảng dữ liệu(PDF) 1 Page - Texas Instruments |
|
|
TS3A24157 bảng dữ liệu(HTML) 1 Page - Texas Instruments |
1 / 24 page 1 FEATURES APPLICATIONS COM1 IN1 IN2 COM2 NC1 NO1 NC2 NO2 RSE PACKAGE (TOP VIEW) DGS PACKAGE (TOP VIEW) V + GND 1 2 3 4 5 6 7 8 9 10 1 2 3 4 5 10 9 8 7 6 V + IN1 COM1 IN2 COM2 NC1 NO1 NC2 NO2 GND DESCRIPTION/ORDERING INFORMATION TS3A24157 0.65- Ω DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER SCDS208A – JUNE 2007 – REVISED SEPTEMBER 2007 www.ti.com • Cell Phones • Specified Break-Before-Make Switching • PDAs • Low ON-State Resistance (0.65 Ω Max) • Portable Instrumentation • Low Charge Injection • Audio and Video Signal Routing • Excellent ON-State Resistance Matching • Low-Voltage Data Acquisition Systems • Low Total Harmonic Distortion (THD) • Communication Circuits • 1.65-V to 3.6-V Single-Supply Operation • Modems • Latch-Up Performance Exceeds 100 mA Per • Hard Drives JESD 78, Class II • Computer Peripherals • ESD Performance Tested Per JESD 22 • Wireless Terminals and Peripherals – 2000-V Human-Body Model (A114-B, Class II) – 1000-V Charged-Device Model (C101) The TS3A24157 is a dual single-pole double-throw (SPDT) analog switch that is designed to operate from 1.4 V to 3.6 V. The device offers low ON-state resistance and excellent ON-state resistance matching with the break-before-make feature, to prevent signal distortion during the transfer of a signal from one channel to another. The device has excellent total harmonic distortion (THD) performance and consumes very low power. These features make this device suitable for portable audio applications. ORDERING INFORMATION TA PACKAGE(1)(2) ORDERABLE PART NUMBER TOP-SIDE MARKING QFN – RSE Tape and reel TS3A24157RSER JZ0 –40 °C to 85°C VSSOP – DGS (MSOP) Tape and reel TS3A24157DGSR JZ0 (1) Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. (2) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com. FUNCTION TABLE NC TO COM, NO TO COM, IN COM TO NC COM TO NO L ON OFF H OFF ON 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2007, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Số phần tương tự - TS3A24157 |
|
Mô tả tương tự - TS3A24157 |