công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK672-730A-E bảng dữ liệu(PDF) 6 Page - Sanyo Semicon Device

tên linh kiện STK672-730A-E
Giải thích chi tiết về linh kiện  Thick-Film Hybrid IC 2-phase Stepping Motor Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-730A-E bảng dữ liệu(HTML) 6 Page - Sanyo Semicon Device

Back Button STK672-730A-E Datasheet HTML 2Page - Sanyo Semicon Device STK672-730A-E Datasheet HTML 3Page - Sanyo Semicon Device STK672-730A-E Datasheet HTML 4Page - Sanyo Semicon Device STK672-730A-E Datasheet HTML 5Page - Sanyo Semicon Device STK672-730A-E Datasheet HTML 6Page - Sanyo Semicon Device STK672-730A-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-730A-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-730A-E Datasheet HTML 9Page - Sanyo Semicon Device STK672-730A-E Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
STK672-730A-E
No. A1221-6/19
[Smoke Emission Precuations]
If Pin 18 (S.G terminal) is attached to the PCB without using solder, overcurrent may flow into the MOSFET at
VCCON (24V ON), causing the STK672-730A-E to emit smoke because 5V circuits cannot be controlled.
In addition, as long as one of the output Pins, 1, 3, 5, or 7, is open, inductance energy stored in the motor results in
electrical stress on the driver, possibly resulting in the emission of smoke.
Input Pin Functions
Pin Name
Pin No.
Function
Input Conditions When Operating
φA
13
Pin 5, phase A output
φAB
17
Pin 7, phase AB output
φB
12
Pin 3, phase B output
φBB
10
Pin 1, phase BB output
Low active (with a function to prevent simultaneous
ON of
φA and φAB, or φB and φBB)
RESETB
14
System reset
A reset is applied by a low level
ENABLE
15
A, AB, B, and, BB outputs cut off
A, AB, B, and BB outputs are cut off by a low level
Output Pin Functions
Pin Name
Pin No.
Function
Input Conditions When Operating
FAULT
16
Monitor pin used when over-current detection or overheat
detection function is activated.
Low level is output when detected.
Note: See the timing chart for the concrete details on circuit operation.


Số phần tương tự - STK672-730A-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK672-732A-E SANYO-STK672-732A-E Datasheet
129Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-732A-E SANYO-STK672-732A-E Datasheet
158Kb / 19P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
STK672-732A-E SANYO-STK672-732A-E_11 Datasheet
158Kb / 19P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-732AN-E ONSEMI-STK672-732AN-E Datasheet
500Kb / 26P
   2-phase Stepper Motor Driver
March, 2014 Ver. 2.2a
More results

Mô tả tương tự - STK672-730A-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK672-442B-E SANYO-STK672-442B-E Datasheet
253Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-540 SANYO-STK672-540 Datasheet
157Kb / 22P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-610 SANYO-STK672-610 Datasheet
158Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-640C-E SANYO-STK672-640C-E Datasheet
248Kb / 27P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-440B-E SANYO-STK672-440B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E Datasheet
135Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630A-E SANYO-STK672-630A-E Datasheet
149Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-732A-E SANYO-STK672-732A-E Datasheet
129Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630C-E SANYO-STK672-630C-E Datasheet
246Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432B-E SANYO-STK672-432B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com