công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK672-730A-E bảng dữ liệu(PDF) 2 Page - Sanyo Semicon Device

tên linh kiện STK672-730A-E
Giải thích chi tiết về linh kiện  Thick-Film Hybrid IC 2-phase Stepping Motor Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-730A-E bảng dữ liệu(HTML) 2 Page - Sanyo Semicon Device

  STK672-730A-E Datasheet HTML 1Page - Sanyo Semicon Device STK672-730A-E Datasheet HTML 2Page - Sanyo Semicon Device STK672-730A-E Datasheet HTML 3Page - Sanyo Semicon Device STK672-730A-E Datasheet HTML 4Page - Sanyo Semicon Device STK672-730A-E Datasheet HTML 5Page - Sanyo Semicon Device STK672-730A-E Datasheet HTML 6Page - Sanyo Semicon Device STK672-730A-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-730A-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-730A-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
STK672-730A-E
No. A1221-2/19
Specifications
Absolute Maximum Ratings at Tc = 25
°C
Parameter
Symbol
Conditions
Ratings
unit
Maximum supply voltage 1
VCC max
No signal
52
V
Maximum supply voltage 2
VDD max
No signal
-0.3 to +6.0
V
Input voltage
VIN max
Logic input pins
-0.3 to +6.0
V
Output current 1
IOP max
10
μs, 1 pulse (resistance load)
10
A
Output current 2
IOH max
VDD=5V, CLOCK≥200Hz
2.65
A
Output current 3
IOF max
Pin16 output current
10
mA
Allowable power dissipation 1
PdMF max
With an arbitrarily large heat sink. Per MOSFET
7.3
W
Allowable power dissipation 2
PdPK max
No heat sink
3.1
W
Operating substrate temperature
Tc max
105
°C
Junction temperature
Tj max
150
°C
Storage temperature
Tstg
-40 to +125
°C
Allowable Operating Ranges at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
unit
Operating supply voltage 1
VCC
With signals applied
10 to 42
V
Operating supply voltage 2
VDD
With signals applied
5
±5%
V
Input high voltage
VIH
Pins 13, 17, 12, 10, 14, 15
2.5 to VDD
V
Input low voltage
VIL
Pins 13, 17, 12, 10, 14, 15
0 to 0.8
V
Output current 1
IOH1
Tc=105
°C, CLOCK≥200Hz,
Continuous operation, duty=100%
2.0
A
Output current 2
IOH2
Tc=80
°C, CLOCK≥200Hz,
Continuous operation, duty=100%,
See the motor current (IOH) derating curve
2.2
A
Phase driver withstand voltage
VDSS
ID=1mA (Tc=25°C)
100min
V
Recommended operating
substrate temperature
Tc
No condensation
0 to 105
°C
Recommended Vref range
Vref
Tc=105
°C
0.14 to 1.38
V
Refer to the graph for each conduction-period tolerance range for the output current and brake current.
Electrical Characteristics at Tc=25
°C, VCC=24V, VDD=5.0V
Parameter
Symbol
Conditions
min
typ
max
unit
VDD supply current
ICCO
Pin 9 current CLOCK=GND
4.4
8
mA
Output average current
Ioave
R/L=1
Ω/0.62mH in each phase
0.273
0.329
0.385
A
FET diode forward voltage
Vdf
If=1A (RL=23Ω)
0.92
1.6
V
Output saturation voltage
Vsat
RL=23Ω
0.33
0.48
V
Input high voltage
VIH
Pins 13, 17, 12, 10, 14, 15
2.5
V
Input low voltage
VIL
Pins 13, 17, 12, 10, 14, 15
0.8
V
FAULT low output voltage
VOLF
Pin 16 (IO=5mA)
0.25
0.5
V
5V level FAULT leakage current
IILF
Pin 16=5V
10
μA
5V level input current
IILH
Pins 13, 17, 12, 10, 14, 15=5V
50
75
μA
GND level input current
IILL
Pins 13, 17, 12, 10, 14, 15=GND
10
μA
Vref input bias current
IIB
Pin 19=1.0V
10
15
μA
PWM frequency
fc
29
45
61
kHz
Overheat detection temperature
TSD
Design guarantee
144
°C
*Ioave values are for when the lead frame of the product is soldered to the mounting substrate.
Notes: A fixed-voltage power supply must be used.


Số phần tương tự - STK672-730A-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK672-732A-E SANYO-STK672-732A-E Datasheet
129Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-732A-E SANYO-STK672-732A-E Datasheet
158Kb / 19P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
STK672-732A-E SANYO-STK672-732A-E_11 Datasheet
158Kb / 19P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-732AN-E ONSEMI-STK672-732AN-E Datasheet
500Kb / 26P
   2-phase Stepper Motor Driver
March, 2014 Ver. 2.2a
More results

Mô tả tương tự - STK672-730A-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK672-442B-E SANYO-STK672-442B-E Datasheet
253Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-540 SANYO-STK672-540 Datasheet
157Kb / 22P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-610 SANYO-STK672-610 Datasheet
158Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-640C-E SANYO-STK672-640C-E Datasheet
248Kb / 27P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-440B-E SANYO-STK672-440B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E Datasheet
135Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630A-E SANYO-STK672-630A-E Datasheet
149Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-732A-E SANYO-STK672-732A-E Datasheet
129Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630C-E SANYO-STK672-630C-E Datasheet
246Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432B-E SANYO-STK672-432B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com