công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK672-730A-E bảng dữ liệu(PDF) 9 Page - Sanyo Semicon Device

tên linh kiện STK672-730A-E
Giải thích chi tiết về linh kiện  Thick-Film Hybrid IC 2-phase Stepping Motor Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-730A-E bảng dữ liệu(HTML) 9 Page - Sanyo Semicon Device

Back Button STK672-730A-E Datasheet HTML 5Page - Sanyo Semicon Device STK672-730A-E Datasheet HTML 6Page - Sanyo Semicon Device STK672-730A-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-730A-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-730A-E Datasheet HTML 9Page - Sanyo Semicon Device STK672-730A-E Datasheet HTML 10Page - Sanyo Semicon Device STK672-730A-E Datasheet HTML 11Page - Sanyo Semicon Device STK672-730A-E Datasheet HTML 12Page - Sanyo Semicon Device STK672-730A-E Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
STK672-730A-E
No. A1221-9/19
Usage Notes
1. STK672-730A-E input signal functions and timing
[ENABLE, CLOCK and power on reset, RESETB (Input signal timing when power is first applied)]
The control IC of the driver is equipped with a power on reset function capable of initializing internal IC operations
when power is supplied. A 4V typ setting is used for power on reset. Because the specification for the MOSFET gate
voltage is 5V
±5%, conduction of current to output at the time of power on reset adds electromotive stress to the
MOSFET due to lack of gate voltage. To prevent electromotive stress, be sure to set ENABLE=Low while VDD,
which is outside the operating supply voltage, is less than 4.75V.
ENABLE,
φA to φBB Signals Input Timing
[ENABLE (Forcible on/off control of the A, AB, B, and BB outputs, and hybrid IC internal operation)]
ENABLE=1: Normal operation
ENABLE=0: Outputs A, AB, B, and BB forced to the off state.
If the
φA to φBB signal used for motor rotation suddenly stops, the motor shaft may advance beyond the control
position due to inertia. A SLOW DOWN setting where the
φA to φBB cycle gradually decreases is required in order to
stop at the control position.
4V typ
3.8V typ
φA to φBB signal
No time specification
Control IC power (VDD) rising edge
Control IC power on reset
RESETB signal input
ENABLE signal input
No time specification
No time specification


Số phần tương tự - STK672-730A-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK672-732A-E SANYO-STK672-732A-E Datasheet
129Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-732A-E SANYO-STK672-732A-E Datasheet
158Kb / 19P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
STK672-732A-E SANYO-STK672-732A-E_11 Datasheet
158Kb / 19P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-732AN-E ONSEMI-STK672-732AN-E Datasheet
500Kb / 26P
   2-phase Stepper Motor Driver
March, 2014 Ver. 2.2a
More results

Mô tả tương tự - STK672-730A-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK672-442B-E SANYO-STK672-442B-E Datasheet
253Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-540 SANYO-STK672-540 Datasheet
157Kb / 22P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-610 SANYO-STK672-610 Datasheet
158Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-640C-E SANYO-STK672-640C-E Datasheet
248Kb / 27P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-440B-E SANYO-STK672-440B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E Datasheet
135Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630A-E SANYO-STK672-630A-E Datasheet
149Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-732A-E SANYO-STK672-732A-E Datasheet
129Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630C-E SANYO-STK672-630C-E Datasheet
246Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432B-E SANYO-STK672-432B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com