công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N5820 bảng dữ liệu(PDF) 2 Page - Vishay Siliconix

tên linh kiện 1N5820
Giải thích chi tiết về linh kiện  Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N5820 bảng dữ liệu(HTML) 2 Page - Vishay Siliconix

  1N5820 Datasheet HTML 1Page - Vishay Siliconix 1N5820 Datasheet HTML 2Page - Vishay Siliconix 1N5820 Datasheet HTML 3Page - Vishay Siliconix 1N5820 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1N5820 thru 1N5822
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88526
Revision: 20-Aug-07
156
Note:
(1) Thermal resistance from junction to lead vertical P.C.B. mounted, 0.500" (12.7 mm) lead length with 2.5 x 2.5" (63.5 x 63.5 mm) copper pad
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
1N5820
1N5821
1N5822
UNIT
Typical thermal resistance (1)
RθJA
RθJL
40
10
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
1N5820-E3/54
1.08
54
1400
13" diameter paper tape and reel
1N5820-E3/73
1.08
73
1000
Ammo pack packaging
Figure 1. Forward Current Derating Curve
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
0
20
40
60
80
100
120
140
0
1.0
2.0
3.0
4.0
Lead Temperature (°C)
Resistive or Inductive Load
0.375" (9.5 mm) Lead Length
1
10
100
20
30
40
10
70
80
60
50
T
J = TJ Max.
8.3 ms Single Half Sine-Wave
Number of Cycles at 60 Hz
Figure 3. Typical Instantaneous Forward Characteristics
Figure 4. Typical Reverse Characteristics
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
100
T
J = 125 °C
T
J = 25 °C
Pulse Width = 300 µs
1 % Duty Cycle
Instantaneous Forward Voltage (V)
0
20
40
60
80
100
0.001
0.01
0.1
1
10
T
J = 125 °C
T
J = 25 °C
T
J = 75 °C
Percent of Rated Peak Reverse Voltage (%)


Số phần tương tự - 1N5820

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
1N5820 TSC-1N5820 Datasheet
245Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
logo
PACELEADER INDUSTRIAL
1N5820 PACELEADER-1N5820 Datasheet
467Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Motorola, Inc
1N5820 MOTOROLA-1N5820 Datasheet
168Kb / 6P
   SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40 VOLTS
logo
New Jersey Semi-Conduct...
1N5820 NJSEMI-1N5820 Datasheet
128Kb / 1P
   SCHOTTKY BARRIER RECTIFIERS
logo
UNIOHM CORPORATION
1N5820 UNIOHM-1N5820 Datasheet
65Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Mô tả tương tự - 1N5820

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com