công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM26LV32EINSR bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện AM26LV32EINSR
Giải thích chi tiết về linh kiện  LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

AM26LV32EINSR bảng dữ liệu(HTML) 4 Page - Texas Instruments

  AM26LV32EINSR Datasheet HTML 1Page - Texas Instruments AM26LV32EINSR Datasheet HTML 2Page - Texas Instruments AM26LV32EINSR Datasheet HTML 3Page - Texas Instruments AM26LV32EINSR Datasheet HTML 4Page - Texas Instruments AM26LV32EINSR Datasheet HTML 5Page - Texas Instruments AM26LV32EINSR Datasheet HTML 6Page - Texas Instruments AM26LV32EINSR Datasheet HTML 7Page - Texas Instruments AM26LV32EINSR Datasheet HTML 8Page - Texas Instruments AM26LV32EINSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
AM26LV32E
SLLS849A – APRIL 2008 – REVISED MAY 2008............................................................................................................................................................... www.ti.com
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
VIH
Enable high-level input voltage
2
5.5
V
VIL
Enable low-level input voltage
0
0.8
V
VIC
Common-mode input voltage
–7
7
mA
VID
Differential input voltage
–7
7
mA
IOH
High-level output current
–5
mA
IOL
Low-level output current
5
mA
TA
Operating free-air temperature
–40
85
°C
over recommended ranges of common-mode input, supply voltage, and operating free-air temperature (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Positive-going input threshold voltage,
VIT+
0.2
V
differential input
Negative-going input threshold voltage,
VIT–
–0.2
V
differential input
Vhys
Input hysteresis (VIT+ – VIT–)
35
mV
VIK
Input clamp voltage, G and G
II = –18 mA
–1.5
V
VID = 200 mV, IOH = –5 mA
2.4
3.2
VOH
High-level output voltage
V
VCC
VID = 200 mV, IOH = –100 µA
0.1
VID = –200 mV, IOL = 5 mA
0.17
0.5
VOL
Low-level output voltage
V
VID = –200 mV, IOL = 100 µA
0.1
IOZ
High-impedance state output current
VO = VCC or GND
±50
µA
Ioff
Output current with power off
VCC = 0 V, VO = 0 or 5.5 V
±100
µA
VI = 10 V
1.5
II
Line input current
Other input at 0 V
mA
VI = –10 V
–2.5
II
Enable input current, G and G
VI = VCC or GND
±1
µA
ri
Input resistance
VIC = –7 V to 7 V, Other input at 0 V
4
17
k
ICC
Supply current (total package)
G, G = VCC or GND, No load, Line inputs open
8
17
mA
Cpd
Power dissipation capacitance(2)
One channel
150
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
Cpd determines the no-load dynamic current consumption: IS = Cpd × VCC × f + ICC
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): AM26LV32E


Số phần tương tự - AM26LV32EINSR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
AM26LV32EINSR TI-AM26LV32EINSR Datasheet
632Kb / 18P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV32EINSRG4 TI-AM26LV32EINSRG4 Datasheet
632Kb / 18P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results

Mô tả tương tự - AM26LV32EINSR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
AM26LV32E TI-AM26LV32E_10 Datasheet
632Kb / 18P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV32E-EP TI-AM26LV32E-EP Datasheet
326Kb / 11P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV31E TI-AM26LV31E_10 Datasheet
690Kb / 19P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV31E TI-AM26LV31E Datasheet
810Kb / 18P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV31E-EP TI-AM26LV31E-EP Datasheet
353Kb / 12P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV32C TI-AM26LV32C_08 Datasheet
671Kb / 22P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV32C TI-AM26LV32C Datasheet
523Kb / 21P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV32 TI-AM26LV32 Datasheet
371Kb / 19P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
MAX3232E-Q1 TI1-MAX3232E-Q1 Datasheet
200Kb / 10P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3243E TI-TRS3243E_09 Datasheet
764Kb / 26P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com