công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STW20NB50 bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện STW20NB50
Giải thích chi tiết về linh kiện  N - CHANNEL 500V - 0.22ohm - 20A - TO-247 PowerMESH MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW20NB50 bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  STW20NB50 Datasheet HTML 1Page - STMicroelectronics STW20NB50 Datasheet HTML 2Page - STMicroelectronics STW20NB50 Datasheet HTML 3Page - STMicroelectronics STW20NB50 Datasheet HTML 4Page - STMicroelectronics STW20NB50 Datasheet HTML 5Page - STMicroelectronics STW20NB50 Datasheet HTML 6Page - STMicroelectronics STW20NB50 Datasheet HTML 7Page - STMicroelectronics STW20NB50 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STW20NB50
N - CHANNEL 500V - 0.22
Ω - 20A - TO-247
PowerMESH
™ MOSFET
s
TYPICAL RDS(on) = 0.22
s
EXTREMELY HIGH dv/dt CAPABILITY
s
± 30V GATE TO SOURCE VOLTAGE RATING
s
100% AVALANCHE TESTED
s
REPETITIVE AVALANCHE DATA AT 100
oC
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
Using
the
latest
high
voltage
technology,
STMicroelectronics has designed an advanced
family
of
power
Mosfets
with
outstanding
performances. The new patent pending strip
layout coupled with the Company’s proprietary
edge termination structure, gives the lowest
RDS(on) per area, exceptional avalanche and
dv/dt capabilities and unrivalled gate charge and
switching characteristics.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITCH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVE
®
INTERNAL SCHEMATIC DIAGRAM
October 1999
1
2
3
TO-247
ABSOLUTE MAXIMUM RATINGS
Symb ol
Parameter
Value
Un it
VDS
Drain-source Voltage (VGS =0)
500
V
VDGR
Drain- gat e Voltage (RGS =20 k
Ω)
500
V
VGS
G ate-source Voltage
± 30
V
ID
Drain Current (continuous) at Tc =25
oC20
A
ID
Drain Current (continuous) at Tc = 100
oC
12.7
A
IDM(
•)
Drain Current (pulsed)
80
A
Ptot
T otal Dissipat ion at Tc =25
oC250
W
Derating F act or
2
W /
o C
dv/dt( 1)
Peak Diode Recovery voltage slope
4
V/ns
Tstg
Storage Temperature
-65 to 150
o C
Tj
Max. O perating Junction Temperature
150
o C
(
•) Pulse width limited by safe operating area
( 1)ISD
≤ 20A, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
TYPE
VDSS
RDS(on)
ID
STW 20NB50
500 V
< 0.25
20 A
1/8


Số phần tương tự - STW20NB50

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STW20N60M2-EP STMICROELECTRONICS-STW20N60M2-EP Datasheet
275Kb / 14P
   N-channel 600 V, 0.230 Ω typ., 13 A MDmesh™ M2 EP Power MOSFET in a TO-247 package
DS12513 - Rev 2 - June 2018
STW20N65M5 STMICROELECTRONICS-STW20N65M5 Datasheet
1Mb / 21P
   N-channel 650 V, 0.160 typ., 18 A MDmesh V Power MOSFET in D2PAK, I2PAK
STW20N65M5 STMICROELECTRONICS-STW20N65M5 Datasheet
1Mb / 21P
   N-channel 650 V, 0.160 廓 typ., 18 A MDmesh??V Power MOSFET in D2PAK, I2PAK, TO-220 and TO-247 packages
February 2013 Rev 2
logo
Inchange Semiconductor ...
STW20N65M5 ISC-STW20N65M5 Datasheet
325Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STW20N90K5 STMICROELECTRONICS-STW20N90K5 Datasheet
695Kb / 12P
   Zener-protected
December 2016 Rev 2
More results

Mô tả tương tự - STW20NB50

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STW20NC50 STMICROELECTRONICS-STW20NC50 Datasheet
249Kb / 8P
   N-CHANNEL 500V - 0.22ohm - 18.4A TO-247 PowerMesh?줚I MOSFET
STW20NM50FD STMICROELECTRONICS-STW20NM50FD Datasheet
248Kb / 8P
   N-CHANNEL 500V - 0.22ohm - 20A TO-247 FDmesh??Power MOSFET with FAST DIODE
STU16NC50 STMICROELECTRONICS-STU16NC50 Datasheet
260Kb / 8P
   N-CHANNEL 500V - 0.22ohm - 16A Max220 PowerMesh?줚I MOSFET
logo
New Jersey Semi-Conduct...
IRFP450 NJSEMI-IRFP450 Datasheet
841Kb / 3P
   N - CHANNEL 500V - 0.33Q - 14A - TO-247 PowerMESH??MOSFET
logo
STMicroelectronics
IRFP450 STMICROELECTRONICS-IRFP450 Datasheet
90Kb / 8P
   N - CHANNEL 500V - 0.33ohm - 14A - TO-247 PowerMESH] MOSFET
STW14NB50 STMICROELECTRONICS-STW14NB50 Datasheet
50Kb / 5P
   N-CHANNEL 500V - 0.40 ohm - 14A - TO-247 PowerMESH MOSFET
STW14NC50 STMICROELECTRONICS-STW14NC50 Datasheet
266Kb / 8P
   N-CHANNEL 500V - 0.31W - 14A TO-247 PowerMesh II MOSFET
STGW20NB60H STMICROELECTRONICS-STGW20NB60H Datasheet
85Kb / 8P
   N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT
STGW20NB60HD STMICROELECTRONICS-STGW20NB60HD Datasheet
90Kb / 8P
   N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT
STW20NM50 STMICROELECTRONICS-STW20NM50 Datasheet
256Kb / 8P
   N-CHANNEL 500V - 0.20ohm - 20A TO-247 MDmesh?줡ower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com