công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STU13NC50 bảng dữ liệu(PDF) 8 Page - STMicroelectronics

tên linh kiện STU13NC50
Giải thích chi tiết về linh kiện  N-CHANNEL 500V - 0.31ohm - 13A Max220 PowerMesh?줚I MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU13NC50 bảng dữ liệu(HTML) 8 Page - STMicroelectronics

  STU13NC50 Datasheet HTML 1Page - STMicroelectronics STU13NC50 Datasheet HTML 2Page - STMicroelectronics STU13NC50 Datasheet HTML 3Page - STMicroelectronics STU13NC50 Datasheet HTML 4Page - STMicroelectronics STU13NC50 Datasheet HTML 5Page - STMicroelectronics STU13NC50 Datasheet HTML 6Page - STMicroelectronics STU13NC50 Datasheet HTML 7Page - STMicroelectronics STU13NC50 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
STU13NC50
8/8
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject
to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not
authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is registered trademark of STMicroelectronics
® 2000 STMicroelectronics - All Rights Reserved
All other names are the property of their respective owners.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco -
Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com


Số phần tương tự - STU13NC50

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STU13N60M2 STMICROELECTRONICS-STU13N60M2 Datasheet
1Mb / 18P
   N-channel 600 V, 0.35 廓 typ., 11 A MDmesh II Plus??low Qg Power MOSFETs in TO-220, IPAK and TO-247 packages
February 2014 Rev 5
STU13N65M2 STMICROELECTRONICS-STU13N65M2 Datasheet
551Kb / 16P
   N-channel 650 V, 0.37 ??typ.,10 A MDmesh??M2 Power MOSFETs in TO-220 and IPAK packages
December 2014 Rev 1
STU13NB60 STMICROELECTRONICS-STU13NB60 Datasheet
61Kb / 6P
   N-CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STU13NM60N STMICROELECTRONICS-STU13NM60N Datasheet
989Kb / 21P
   N-channel 600 V, 0.28 ohm typ., 11 A MDmesh II Power MOSFET in TO-220FP, I2PAK, TO-220, IPAK, TO-247 packages
logo
Inchange Semiconductor ...
STU13NM60N ISC-STU13NM60N Datasheet
314Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Mô tả tương tự - STU13NC50

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STU16NC50 STMICROELECTRONICS-STU16NC50 Datasheet
260Kb / 8P
   N-CHANNEL 500V - 0.22ohm - 16A Max220 PowerMesh?줚I MOSFET
STU16NB50 STMICROELECTRONICS-STU16NB50 Datasheet
49Kb / 6P
   N-CHANNEL 500V - 0.28ohm - 15.6A-Max220 PowerMESH MOSFET
STB8NC50 STMICROELECTRONICS-STB8NC50 Datasheet
441Kb / 9P
   N-CHANNEL 500V - 0.7ohm - 8A D2PAK PowerMesh?줚I MOSFET
STB4NC50 STMICROELECTRONICS-STB4NC50 Datasheet
244Kb / 8P
   N-CHANNEL 500V - 2.2ohm - 4A D2PAK PowerMesh?줚I MOSFET
STE53NC50 STMICROELECTRONICS-STE53NC50 Datasheet
275Kb / 8P
   N-CHANNEL 500V - 0.070ohm - 53A ISOTOP PowerMesh?줚I MOSFET
STW20NC50 STMICROELECTRONICS-STW20NC50 Datasheet
249Kb / 8P
   N-CHANNEL 500V - 0.22ohm - 18.4A TO-247 PowerMesh?줚I MOSFET
STP3NC50 STMICROELECTRONICS-STP3NC50 Datasheet
238Kb / 8P
   N-CHANNEL 500V - 3ohm - 2.8A TO-220 PowerMesh?줚I MOSFET
STD2NC50 STMICROELECTRONICS-STD2NC50 Datasheet
442Kb / 10P
   N-CHANNEL 500V - 3ohm - 2.2A DPAK/IPAK PowerMesh?줚I MOSFET
STD4NC50 STMICROELECTRONICS-STD4NC50_07 Datasheet
190Kb / 9P
   N-CHANNEL 500V - 1.3??- 3.7A DPAK/IPAK PowerMesh?줚I MOSFET
August 2001
logo
Alpha & Omega Semicondu...
AOT13N50 AOSMD-AOT13N50 Datasheet
165Kb / 6P
   500V, 13A N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com