công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M03623FC bảng dữ liệu(PDF) 8 Page - Renesas Technology Corp |
|
M03623FC bảng dữ liệu(HTML) 8 Page - Renesas Technology Corp |
8 / 25 page Mitsubishi microcomputers M16C / 62M (80-pin version) Group (Low voltage version) SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Description 7 About the M16C/62M (80-pin version) group (low voltage version) The M16C/62M (80-pin version) group (low voltage version) is packaged in a 80-pin plastic mold pack- age. The number of pins in comparison with the 100-pin package products is decreased. So be careful about the following. (a) The M16C/62M (80-pin version) group (low voltage version) supports single chip mode alone. It supports neither memory expansion mode nor microprocessor mode. (b) The input/output ports given below are absent from the M16C/62M (80-pin version) group (low voltage version). To stabilize the internal state, set to output mode the direction register of each input/output port. Failing in setting to output mode involves an increase in current consumption. <Pins absent from the 80-pin version> P10 to P17, P44 to P47, P72 to P75, P91 (c) INT3 to INT5 allocated to P15 to P17 cannot be used. Keep the INT3 interrupt control register disabled for interrupts. The INT4 interrupt control register and the INT5 interrupt control register are shared with SI/O3 and SI/O4. When the user don’t use them as SI/O3 and SI/4, set them disabled for interrupts. (d) The output pins of timers A1 and A2 - TA1IN, TA1OUT, TA2IN and TA2OUT - allocated to P72 to P75 cannot be used. In connection with this, the gate function and pulse outputting function of timers A1 and A2 cannot be used. Use timer mode and internal event count, or use as trigger signal genera- tion in one-shot timer mode. ______ ______ (e) The UART2 input/output pins - CLK2 and CTS/RTS - allocated to P72 and P73 cannot be used. In connection with this, UART2 solely as UART of the internal clock can be used. (f) The input pin TB1IN of timer B1 allocated to P91 cannot be used. With timer B1 under this state, use only timer mode or the internal event count. (g) The input pin SIN3 of serial I/O3 allocated to P91 cannot be used. In connection with this, use serial I/O3 as a serial I/O exclusive to transmission. (h) The output pins for three-phase motor control allocated to P72 to P75 cannot be used. So set to 0 (ordinary mode) the mode select bit (bit 2) of three-phase PWM control register 0. |
Số phần tương tự - M03623FC |
|
Mô tả tương tự - M03623FC |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |