công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M03623MC bảng dữ liệu(PDF) 4 Page - Renesas Technology Corp

tên linh kiện M03623MC
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M03623MC bảng dữ liệu(HTML) 4 Page - Renesas Technology Corp

  M03623MC Datasheet HTML 1Page - Renesas Technology Corp M03623MC Datasheet HTML 2Page - Renesas Technology Corp M03623MC Datasheet HTML 3Page - Renesas Technology Corp M03623MC Datasheet HTML 4Page - Renesas Technology Corp M03623MC Datasheet HTML 5Page - Renesas Technology Corp M03623MC Datasheet HTML 6Page - Renesas Technology Corp M03623MC Datasheet HTML 7Page - Renesas Technology Corp M03623MC Datasheet HTML 8Page - Renesas Technology Corp M03623MC Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Mitsubishi microcomputers
M16C / 62M (80-pin version) Group
(Low voltage version)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Description
3
Block Diagram
Figure 1.1.2 is a block diagram of the M16C/62M (80-pin version) group (low voltage version).
Block diagram of the M16C/62M (80-pin version) group (low voltage version)
Timer
Timer TA0 (16 bits)
Timer TA1 (16 bits)
Timer TA2 (16 bits)
Timer TA3 (16 bits)
Timer TA4 (16 bits)
Timer TB0 (16 bits)
Timer TB1 (16 bits)
Timer TB2 (16 bits)
Timer TB3 (16 bits)
Timer TB4 (16 bits)
Timer TB5 (16 bits)
Internal peripheral functions
Watchdog timer
(15 bits)
DMAC
(2 channels)
D-A converter
(8 bits X 2 channels)
A-D converter
(10 bits X 8 channels
Expandable up to 10 channels)
UART/clock synchronous SI/O
(8 bits X 3 channels)(Note 3)
System clock generator
XIN-XOUT
XCIN-XCOUT
M16C/60 series16-bit CPU core
I/O ports
Port P0
8
Port P2
8
Port P3
8
Port P4
4
Port P5
8
Port P6
8
R0L
R0H
R1H
R1L
R2
R3
A0
A1
FB
R0L
R0H
R1H
R1L
R2
R3
A0
A1
FB
Registers
ISP
USP
Stack pointer
Vector table
INTB
CRC arithmetic circuit (CCITT )
(Polynomial : X16+X12+X5+1)
Multiplier
Memory
ROM
(Note 1)
RAM
(Note 2)
Note 1: ROM size depends on MCU type.
Note 2: RAM size depends on MCU type.
Note 3: One of three channels is used for UART and IIC mode only.
SB
FLG
PC
Program counter
Clock synchronous SI/O
(8 bits X 2 channels)
Flag register
Figure 1.1.2. Block diagram of M16C/62M (80-pin version) group (low voltage version)


Số phần tương tự - M03623MC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nuvoton Technology Corp...
M030G NUVOTON-M030G Datasheet
2Mb / 118P
   NuMicro짰 Family Arm짰 32-bit Cortex짰-M0 Microcontroller
M030GC1AE NUVOTON-M030GC1AE Datasheet
2Mb / 118P
   NuMicro짰 Family Arm짰 32-bit Cortex짰-M0 Microcontroller
M030GC2AE NUVOTON-M030GC2AE Datasheet
2Mb / 118P
   NuMicro짰 Family Arm짰 32-bit Cortex짰-M0 Microcontroller
M030GD1AE NUVOTON-M030GD1AE Datasheet
2Mb / 118P
   NuMicro짰 Family Arm짰 32-bit Cortex짰-M0 Microcontroller
M030GD2AE NUVOTON-M030GD2AE Datasheet
2Mb / 118P
   NuMicro짰 Family Arm짰 32-bit Cortex짰-M0 Microcontroller
More results

Mô tả tương tự - M03623MC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com