công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STS4PF20V bảng dữ liệu(PDF) 3 Page - STMicroelectronics

tên linh kiện STS4PF20V
Giải thích chi tiết về linh kiện  P-CHANNEL 20V - 0.090 ohm - 4A SO- 2.7V-DRIVE STripFET??II POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS4PF20V bảng dữ liệu(HTML) 3 Page - STMicroelectronics

  STS4PF20V Datasheet HTML 1Page - STMicroelectronics STS4PF20V Datasheet HTML 2Page - STMicroelectronics STS4PF20V Datasheet HTML 3Page - STMicroelectronics STS4PF20V Datasheet HTML 4Page - STMicroelectronics STS4PF20V Datasheet HTML 5Page - STMicroelectronics STS4PF20V Datasheet HTML 6Page - STMicroelectronics STS4PF20V Datasheet HTML 7Page - STMicroelectronics STS4PF20V Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
STS4PF20V
SWITCHING ON(*)
SWITCHING OFF(*)
SOURCE DRAIN DIODE(*)
(*)Pulse width
[ 300 µs, duty cycle 1.5 %.
(
•)Pulse width limited by TJMAX
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Delay Time
Rise Time
VDD = 10 V
ID = 2 A
RG = 4.7 Ω
VGS = 4.5 V
(Resistive Load, Figure 1)
38
39
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD= 10V ID= 4A VGS=4.5V
(see test circuit, Figure 2)
6.2
1
1.4
nC
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(off)
tf
Turn-off Delay Time
Fall Time
VDD = 10 V
ID = 2 A
RG = 4.7Ω,
VGS = 4.5 V
(Resistive Load, Figure 1)
54
12
ns
ns
tr(Voff)
tf
tc
Off-voltage Rise Time
Fall Time
Cross-over Time
Vclamp = 16 V
ID = 4 A
RG = 4.7Ω,
VGS = 4.5 V
(Inductive Load, Figure 3)
46
11
15
ns
ns
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDM ()
Source-drain Current
Source-drain Current (pulsed)
4
16
A
A
VSD (*)
Forward On Voltage
ISD = 4 A
VGS = 0
1.2
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 4 A
di/dt = 100A/µs
VDD = 15 V
Tj = 150°C
(Inductive Load, Figure 3)
20
13
1.3
ns
nC
A
ELECTRICAL CHARACTERISTICS (continued)
Safe Operating Area
Thermal Impedance


Số phần tương tự - STS4PF20V

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
CIT Relay & Switch
STS4.3LF260QG CIT-STS4.3LF260QG Datasheet
264Kb / 2P
   Surface Mount Process Sealed Tactile
Rev B 11/2022
logo
Sensirion AG Switzerlan...
STS40-AD1B SENSIRION-STS40-AD1B Datasheet
537Kb / 14P
   4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Temperature Sensor Platform
Version 1.1 - July 2022
STS40-BD1B SENSIRION-STS40-BD1B Datasheet
537Kb / 14P
   4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Temperature Sensor Platform
Version 1.1 - July 2022
STS40-CD1B SENSIRION-STS40-CD1B Datasheet
537Kb / 14P
   4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Temperature Sensor Platform
Version 1.1 - July 2022
logo
DB Lectro Inc
STS400 DBLECTRO-STS400 Datasheet
344Kb / 2P
   Connects legacy serial devices to 10/100Base-T Ethernet network.
More results

Mô tả tương tự - STS4PF20V

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STT4PF20V STMICROELECTRONICS-STT4PF20V Datasheet
247Kb / 8P
   P-CHANNEL 20V - 0.090 W - 3A SOT23-6L 2.7V-DRIVE STripFET II POWER MOSFET
STS3DPF20V STMICROELECTRONICS-STS3DPF20V Datasheet
259Kb / 8P
   DUAL P-CHANNEL 20V - 0.090 ohm - 3A SO-8 STripFET??POWER MOSFET
STS5DNF20V STMICROELECTRONICS-STS5DNF20V Datasheet
255Kb / 8P
   N-CHANNEL 20V - 0.030 ohm - 5A SO-8 2.7V-DRIVE STripFET??II POWER MOSFET
STS6NF20V STMICROELECTRONICS-STS6NF20V Datasheet
256Kb / 8P
   N-CHANNEL 20V - 0.030 ohm - 6A SO-8 2.7V-DRIVE STripFET??II POWER MOSFET
STS2DPF20V STMICROELECTRONICS-STS2DPF20V Datasheet
117Kb / 6P
   DUAL P-CHANNEL 20V - 0.14ohm - 2A SO-8 2.7V-DRIVE STripFET??II POWER MOSFET
STS2DPFS20V STMICROELECTRONICS-STS2DPFS20V Datasheet
293Kb / 8P
   P-CHANNEL 20V - 0.14 ohm - 2.5A SO-8 2.7V-DRIVE STripFET??II MOSFET PLUS SCHOTTKY DIODE
STS5DNF20V STMICROELECTRONICS-STS5DNF20V_06 Datasheet
308Kb / 12P
   N-channel 20V - 0.030 ohm- 5A SO-8 2.7V - drive STripFET TM II Power MOSFET
STS4DPF20L STMICROELECTRONICS-STS4DPF20L Datasheet
249Kb / 8P
   DUAL P-CHANNEL 20V - 0.07 ohm - 4A SO-8 STripFET??POWER MOSFET
STS5PF20V STMICROELECTRONICS-STS5PF20V Datasheet
173Kb / 8P
   P-CHANNEL 20V - 0.065 ohm - 5A SO-8 2.5V-DRIVE STripFET II POWER MOSFET
STT5NF20V STMICROELECTRONICS-STT5NF20V Datasheet
229Kb / 8P
   N-CHANNEL 20V - 0.030 ohm - 5A SOT23-6L 2.7V-DRIVE STripFET??II POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com