công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

I1LV3216ISA-7SI bảng dữ liệu(PDF) 1 Page - Renesas Technology Corp

tên linh kiện I1LV3216ISA-7SI
Giải thích chi tiết về linh kiện  32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

I1LV3216ISA-7SI bảng dữ liệu(HTML) 1 Page - Renesas Technology Corp

  I1LV3216ISA-7SI Datasheet HTML 1Page - Renesas Technology Corp I1LV3216ISA-7SI Datasheet HTML 2Page - Renesas Technology Corp I1LV3216ISA-7SI Datasheet HTML 3Page - Renesas Technology Corp I1LV3216ISA-7SI Datasheet HTML 4Page - Renesas Technology Corp I1LV3216ISA-7SI Datasheet HTML 5Page - Renesas Technology Corp I1LV3216ISA-7SI Datasheet HTML 6Page - Renesas Technology Corp I1LV3216ISA-7SI Datasheet HTML 7Page - Renesas Technology Corp I1LV3216ISA-7SI Datasheet HTML 8Page - Renesas Technology Corp I1LV3216ISA-7SI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Preliminary
REJ03C0367-0001, Rev.0.01, 2008.03.24
Page 1 of 16
R1LV3216R Series
32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
REJ03C0367-0001
Preliminary
Rev.0.01
2008.03.24
Description
The R1LV3216R Series is a family of low voltage 32-Mbit static RAMs organized as 2,097,152-word by
16-bit, fabricated by Renesas’s high-performance 0.15um CMOS and TFT technologies.
The R1LV3216R Series is suitable for memory applications where a simple interfacing, battery operating
and battery backup are the important design objectives.
The R1LV3216R Series is provided in 48-pin thin small outline package [TSOP (I): 12mm x 20mm with pin
pitch of 0.5mm] and 52-pin micro thin small outline package [
µTSOP (II): 10.79mm x 10.49mm with pin pitch
of 0.4mm]. It gives the best solution for compaction of mounting area as well as flexibility of wiring pattern of
printed circuit boards.
Features
• Single 2.7~3.6V power supply
• Small stand-by current: 4 µA (3.0V, typical)
• No clocks, No refresh
• All inputs and outputs are TTL compatible.
• Easy memory expansion by CS1#, CS2, LB# and UB#
• Common Data I/O
• Three-state outputs: OR-tie Capability
• OE# prevents data contention on the I/O bus
Ordering Information
Type No.
Access time
Package
R1LV3216RSA-5S%
55 ns
*1
R1LV3216RSA-7S%
70 ns
12mm x 20mm 48-pin plastic TSOP (I)
(normal-bend type) (48P3R)
R1LV3216RSD-5S%
55 ns
*1
R1LV3216RSD-7S%
70 ns
350 mil 52-pin plastic
μ-TSOP (II)
(normal-bend type) (52PTG)
Note1. 55ns parts can be supported under the condition of the input timing limitation toward SRAM on customer’s
system. Please contact our sales office in your region, in case of the inquiry for 55ns parts.
% - Temperature version; see table below
%
Temperature Range
R
0 ~ +70 °C
I
-40 ~ +85 °C


Mô tả tương tự - I1LV3216ISA-7SI

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
RMLV3216A RENESAS-RMLV3216A Datasheet
299Kb / 16P
   32Mb Advanced LPSRAM (2M word × 16bit / 4M word x 8bit)
2018.12.26
R1LV3216RSD-5SIB0 RENESAS-R1LV3216RSD-5SIB0 Datasheet
150Kb / 20P
   32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
R1LV3216R RENESAS-R1LV3216R_15 Datasheet
150Kb / 20P
   32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
RMWV6416A RENESAS-RMWV6416A Datasheet
300Kb / 16P
   64Mb Advanced LPSRAM (4M word × 16bit / 8M word x 8bit)
2018.12.26
R1WV6416R RENESAS-R1WV6416R Datasheet
202Kb / 18P
   64Mb Advanced LPSRAM (4M word x 16bit / 8M word x 8bit)
R1WV6416R RENESAS-R1WV6416R_15 Datasheet
152Kb / 20P
   64Mb Advanced LPSRAM (4M word x 16bit / 8M word x 8bit)
RMLV1616A-U RENESAS-RMLV1616A-U Datasheet
337Kb / 15P
   16Mbit LPSRAM (1M word × 16bit / 2M word x 8bit)
2022.12.05
RMLV1616A RENESAS-RMLV1616A Datasheet
426Kb / 16P
   16Mb Advanced LPSRAM (1M word 횞 16bit / 2M word x 8bit)
RMWV3216A RENESAS-RMWV3216A Datasheet
474Kb / 15P
   32Mb Advanced LPSRAM (2M word 횞 16bit)
R1LV0816ASD RENESAS-R1LV0816ASD Datasheet
264Kb / 19P
   8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
2009.12.08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com