công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCF5328 bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc |
|
MCF5328 bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc |
3 / 50 page MCF532x Family Comparison MCF532x ColdFire® Microprocessor Data Sheet, Rev. 4 Freescale Semiconductor 3 Figure 1. MCF5329 Block Diagram 1 MCF532x Family Comparison The following table compares the various device derivatives available within the MCF532x family. Table 1. MCF532x Family Configurations Module MCF5327 MCF5328 MCF53281 MCF5329 ColdFire Version 3 Core with EMAC (Enhanced Multiply-Accumulate Unit) • ••• Core (System) Clock up to 240 MHz Peripheral and External Bus Clock (Core clock ÷ 3) up to 80 MHz Performance (Dhrystone/2.1 MIPS) up to 211 Unified Cache 16 Kbytes Static RAM (SRAM) 32 Kbytes FlexBus D[31:0] A[23:0] R/W CS[5:0] TA TS XBS M2 M1 M0 M5 PWMs, EPORT, JTAG TAP TRST TCLK TMS TDI TDO Cache (1024x32)x4 DMA UARTs FlexCAN I2C QSPI DMA Timers Watchdog, PITs 16 KByte Chip External Selects (To/From PADI) CANTX CANRX FEC FEC DMA Timer SDRAMC UART I2C SDRAMC QSPI JTAG_EN RTC USB Host M4 LCDC S4 S7 S1 Reset PORTS SDRAMC SSI LCDC USB OTG RESET SRAM (4096x32)x2 32 KByte PLL S6 SDRAMC M6 USB Host USB OTG ULPI Interface INTC0 INTC1 RCON LCDC SSI V3 ColdFire CPU DIV EMAC (To/From PADI) RNGA SKHA MDHA Cryptography Modules Interface RSTOUT (To/From SRAM backdoor) (To/From XBS backdoor) DREQn DACKn (To/From PADI) USB Host USB OTG BE/BWE[3:0] PWM (To/From PADI) |
Số phần tương tự - MCF5328 |
|
Mô tả tương tự - MCF5328 |