công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF52236 bảng dữ liệu(PDF) 10 Page - Freescale Semiconductor, Inc

tên linh kiện MCF52236
Giải thích chi tiết về linh kiện  ColdFire Microcontroller
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF52236 bảng dữ liệu(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MCF52236 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF52236 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF52236 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF52236 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF52236 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF52236 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF52236 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCF52236 Datasheet HTML 13Page - Freescale Semiconductor, Inc MCF52236 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
MCF52235 ColdFire Microcontroller Data Sheet, Rev. 7
MCF52235 Family Configurations
Freescale Semiconductor
10
module is physically connected to the processor's high-speed local bus, it can quickly service core-initiated accesses or
memory-referencing commands from the debug module.
The SRAM module is also accessible by the DMA. The dual-ported nature of the SRAM makes it ideal for implementing
applications with double-buffer schemes, where the processor and a DMA device operate in alternate regions of the SRAM to
maximize system performance.
1.2.5.2
Flash
The ColdFire flash module (CFM) is a non-volatile memory (NVM) module that connects to the processor’s high-speed local
bus. The CFM is constructed with four banks of 32 K
×16-bit flash arrays to generate 256 Kbytes of 32-bit flash memory. These
arrays serve as electrically erasable and programmable, non-volatile program and data memory. The flash memory is ideal for
program and data storage for single-chip applications, allowing for field reprogramming without requiring an external high
voltage source. The CFM interfaces to the ColdFire core through an optimized read-only memory controller which supports
interleaved accesses from the 2-cycle flash arrays. A backdoor mapping of the flash memory is used for all program, erase, and
verify operations, as well as providing a read datapath for the DMA. Flash memory may also be programmed via the EzPort,
which is a serial flash programming interface that allows the flash to be read, erased and programmed by an external controller
in a format compatible with most SPI bus flash memory chips. This allows easy device programming via Automated Test
Equipment or bulk programming tools.
1.2.6
Cryptography Acceleration Unit
The MCF52235 device incorporates two hardware accelerators for cryptographic functions. First, the CAU is a coprocessor
tightly-coupled to the V2 ColdFire core that implements a set of specialized operations to increase the throughput of
software-based encryption and message digest functions, specifically the DES, 3DES, AES, MD5 and SHA-1 algorithms.
Second, a random number generator provides FIPS-140 compliant 32-bit values to security processing routines. Both modules
supply critical acceleration to software-based cryptographic algorithms at a minimal hardware cost.
1.2.7
Power Management
The MCF52235 incorporates several low-power modes of operation which are entered under program control and exited by
several external trigger events. An integrated power-on reset (POR) circuit monitors the input supply and forces an MCU reset
as the supply voltage rises. The low voltage detector (LVD) monitors the supply voltage and is configurable to force a reset or
interrupt condition if it falls below the LVD trip point.
1.2.8
FlexCAN
The FlexCAN module is a communication controller implementing version 2.0 of the CAN protocol parts A and B. The CAN
protocol can be used as an industrial control serial data bus, meeting the specific requirements of reliable operation in a harsh
EMI environment with high bandwidth. This instantiation of FlexCAN has 16 message buffers.
1.2.9
UARTs
The MCF52235 has three full-duplex UARTs that function independently. The three UARTs can be clocked by the system bus
clock, eliminating the need for an external clock source. On smaller packages, the third UART is multiplexed with other digital
I/O functions.


Số phần tương tự - MCF52236

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MCF52236 NXP-MCF52236 Datasheet
1Mb / 55P
   MCF52235 ColdFire Microcontroller Data Sheet
Rev. 10, 3/2011
logo
Freescale Semiconductor...
MCF52236AF50 FREESCALE-MCF52236AF50 Datasheet
1Mb / 54P
   MCF52235 ColdFire Microcontroller Data Sheet
logo
NXP Semiconductors
MCF52236AF50 NXP-MCF52236AF50 Datasheet
1Mb / 55P
   MCF52235 ColdFire Microcontroller Data Sheet
Rev. 10, 3/2011
logo
Freescale Semiconductor...
MCF52236AF50A FREESCALE-MCF52236AF50A Datasheet
1Mb / 54P
   MCF52235 ColdFire Microcontroller Data Sheet
logo
NXP Semiconductors
MCF52236AF50A NXP-MCF52236AF50A Datasheet
1Mb / 55P
   MCF52235 ColdFire Microcontroller Data Sheet
Rev. 10, 3/2011
More results

Mô tả tương tự - MCF52236

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51AC256 FREESCALE-MCF51AC256_09 Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_10 Datasheet
2Mb / 46P
   ColdFire Microcontroller
MCF5213 FREESCALE-MCF5213_07 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF52211 FREESCALE-MCF52211_07 Datasheet
957Kb / 56P
   ColdFire Microcontroller
MCF52223DS FREESCALE-MCF52223DS Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52110 FREESCALE-MCF52110 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52223 FREESCALE-MCF52223_07 Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_09 Datasheet
3Mb / 46P
   ColdFire Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54