công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCF51QE32LH bảng dữ liệu(PDF) 4 Page - Freescale Semiconductor, Inc |
|
MCF51QE32LH bảng dữ liệu(HTML) 4 Page - Freescale Semiconductor, Inc |
4 / 38 page MCF51QE128 Series Data Sheet, Rev. 7 MCF51QE128 Series Comparison Freescale Semiconductor 4 1 MCF51QE128 Series Comparison The following table compares the various device derivatives available within the MCF51QE128 series. Table 1. MCF51QE128 Series Features by MCU and Package Feature MCF51QE128 MCF51QE96 MCF51QE64 MCF51QE32 Flash size (bytes) 131072 98304 65536 32768 RAM size (bytes) 8192 8192 8192 8192 Pin quantity 80 64 80 64 64 64 Version 1 ColdFire core yes ACMP1 yes ACMP2 yes ADC channels 24 20 24 20 20 20 DBG yes ICS yes IIC1 yes IIC2 yes KBI 16 Port I/O1, 2 1 Port I/O count does not include the input-only PTA5/IRQ/TPM1CLK/RESET or the output-only PTA4/ACMP1O/BKGD/MS. 2 16 bits associated with Ports C and E are shadowed with ColdFire Rapid GPIO module. 70 54 70 54 54 54 Rapid GPIO yes RTC yes SCI1 yes SCI2 yes SPI1 yes SPI2 yes External IRQ yes TPM1 channels 3 TPM2 channels 3 TPM3 channels 6 XOSC yes |
Số phần tương tự - MCF51QE32LH |
|
Mô tả tương tự - MCF51QE32LH |