công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF52234 bảng dữ liệu(PDF) 5 Page - Freescale Semiconductor, Inc

tên linh kiện MCF52234
Giải thích chi tiết về linh kiện  ColdFire Microcontroller
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF52234 bảng dữ liệu(HTML) 5 Page - Freescale Semiconductor, Inc

  MCF52234 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF52234 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF52234 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF52234 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF52234 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF52234 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF52234 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF52234 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF52234 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
MCF52235 Family Configurations
MCF52235 ColdFire Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
5
1.2.1
Feature Overview
The MCF52235 family includes the following features:
Version 2 ColdFire variable-length RISC processor core
— Static operation
— 32-bit address and data paths on-chip
— Up to 60 MHz processor core frequency
— Sixteen general-purpose, 32-bit data and address registers
— Implements ColdFire ISA_A with extensions to support the user stack pointer register and four new instructions
for improved bit processing (ISA_A+)
— Enhanced Multiply-Accumulate (EMAC) unit with 32-bit accumulator to support 16
× 16 → 32 or 32 × 32 → 32
operations
— Cryptography Acceleration Unit (CAU)
Tightly-coupled coprocessor to accelerate software-based encryption and message digest functions
FIPS-140 compliant random number generator
— Support for DES, 3DES, AES, MD5, and SHA-1 algorithms
— Illegal instruction decode that allows for 68K emulation support
System debug support
— Real time trace for determining dynamic execution path
— Background debug mode (BDM) for in-circuit debugging (DEBUG_B+)
— Real time debug support, with six hardware breakpoints (4 PC, 1 address and 1 data) that can be configured into
a 1- or 2-level trigger
On-chip memories
— Up to 32 Kbytes of dual-ported SRAM on CPU internal bus, supporting core and DMA access with standby power
supply support
— Up to 256 Kbytes of interleaved Flash memory supporting 2-1-1-1 accesses
Power management
— Fully static operation with processor sleep and whole chip stop modes
— Rapid response to interrupts from the low-power sleep mode (wake-up feature)
— Clock enable/disable for each peripheral when not used
Fast Ethernet Controller (FEC)
— 10/100 BaseT/TX capability, half duplex or full duplex
— On-chip transmit and receive FIFOs
— Built-in dedicated DMA controller
— Memory-based flexible descriptor rings
On-chip Ethernet Transceiver (EPHY)
— Digital adaptive equalization
— Supports auto-negotiation
— Baseline wander correction
— Full-/Half-duplex support in all modes
— Loopback modes
— Supports MDIO preamble suppression
— Jumbo packet
FlexCAN 2.0B module


Số phần tương tự - MCF52234

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF52234 FREESCALE-MCF52234 Datasheet
602Kb / 48P
   ColdFire짰 Microcontroller
logo
NXP Semiconductors
MCF52234 NXP-MCF52234 Datasheet
1Mb / 55P
   MCF52235 ColdFire Microcontroller Data Sheet
Rev. 10, 3/2011
logo
Freescale Semiconductor...
MCF52234CAL60 FREESCALE-MCF52234CAL60 Datasheet
1Mb / 54P
   MCF52235 ColdFire Microcontroller Data Sheet
logo
NXP Semiconductors
MCF52234CAL60 NXP-MCF52234CAL60 Datasheet
1Mb / 55P
   MCF52235 ColdFire Microcontroller Data Sheet
Rev. 10, 3/2011
logo
Freescale Semiconductor...
MCF52234CVM60 FREESCALE-MCF52234CVM60 Datasheet
1Mb / 54P
   MCF52235 ColdFire Microcontroller Data Sheet
More results

Mô tả tương tự - MCF52234

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51AC256 FREESCALE-MCF51AC256_09 Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_10 Datasheet
2Mb / 46P
   ColdFire Microcontroller
MCF5213 FREESCALE-MCF5213_07 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF52211 FREESCALE-MCF52211_07 Datasheet
957Kb / 56P
   ColdFire Microcontroller
MCF52223DS FREESCALE-MCF52223DS Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52110 FREESCALE-MCF52110 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52223 FREESCALE-MCF52223_07 Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_09 Datasheet
3Mb / 46P
   ColdFire Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com