công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF51QE96CLH bảng dữ liệu(PDF) 10 Page - Freescale Semiconductor, Inc

tên linh kiện MCF51QE96CLH
Giải thích chi tiết về linh kiện  32-Bit Version 1 ColdFire짰 Central Processor Unit (CPU)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF51QE96CLH bảng dữ liệu(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MCF51QE96CLH Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF51QE96CLH Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF51QE96CLH Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF51QE96CLH Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF51QE96CLH Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF51QE96CLH Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF51QE96CLH Datasheet HTML 12Page - Freescale Semiconductor, Inc MCF51QE96CLH Datasheet HTML 13Page - Freescale Semiconductor, Inc MCF51QE96CLH Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
MCF51QE128 Series Data Sheet, Rev. 7
Electrical Characteristics
Freescale Semiconductor
10
3.4
Thermal Characteristics
This section provides information about operating temperature range, power dissipation, and package thermal resistance. Power
dissipation on I/O pins is usually small compared to the power dissipation in on-chip logic and voltage regulator circuits, and
it is user-determined rather than being controlled by the MCU design. To take PI/O into account in power calculations, determine
the difference between actual pin voltage and VSS or VDD and multiply by the pin current for each I/O pin. Except in cases of
unusually high pin current (heavy loads), the difference between pin voltage and VSS or VDD will be very small.
Table 4. Absolute Maximum Ratings
Rating
Symbol
Value
Unit
Supply voltage
VDD
–0.3 to +3.8
V
Maximum current into VDD
IDD
120
mA
Digital input voltage
VIn
–0.3 to VDD +0.3
V
Instantaneous maximum current
Single pin limit (applies to all port pins)1, 2, 3
1
Input must be current limited to the value specified. To determine the value of the required
current-limiting resistor, calculate resistance values for positive (VDD) and negative (VSS) clamp
voltages, then use the larger of the two resistance values.
2 All functional non-supply pins are internally clamped to V
SS and VDD.
3 Power supply must maintain regulation within operating V
DD range during instantaneous and
operating maximum current conditions. If positive injection current (VIn > VDD) is greater than
IDD, the injection current may flow out of VDD and could result in external power supply going
out of regulation. Ensure external VDD load will shunt current greater than maximum injection
current. This will be the greatest risk when the MCU is not consuming power. Examples are: if
no system clock is present, or if the clock rate is very low (which would reduce overall power
consumption).
ID
± 25
mA
Storage temperature range
Tstg
–55 to 150
°C
Table 5. Thermal Characteristics
Rating
Symbol
Value
Unit
Operating temperature range (packaged):
MCF51QE64, MCF51QE96, and
MCF51QE128:
TA
–40 to 85
°C
MCF51QE32:
0 to 70
Maximum junction temperature
TJM
95
°C
Thermal resistance
Single-layer board
64-pin LQFP
θ
JA
69
°C/W
80-pin LQFP
60
Thermal resistance
Four-layer board
64-pin LQFP
θ
JA
50
°C/W
80-pin LQFP
47


Số phần tương tự - MCF51QE96CLH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF51QE128 FREESCALE-MCF51QE128 Datasheet
744Kb / 38P
   32-Bit Version 1 ColdFire짰 Central Processor Unit (CPU)
MCF51QE128 FREESCALE-MCF51QE128 Datasheet
2Mb / 56P
   Blood Pressure Monitor Using the Flexis QE128 Family
MCF51QE128CLH FREESCALE-MCF51QE128CLH Datasheet
744Kb / 38P
   32-Bit Version 1 ColdFire짰 Central Processor Unit (CPU)
MCF51QE128CLK FREESCALE-MCF51QE128CLK Datasheet
744Kb / 38P
   32-Bit Version 1 ColdFire짰 Central Processor Unit (CPU)
MCF51QE64 FREESCALE-MCF51QE64 Datasheet
744Kb / 38P
   32-Bit Version 1 ColdFire짰 Central Processor Unit (CPU)
More results

Mô tả tương tự - MCF51QE96CLH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF51QE128 FREESCALE-MCF51QE128 Datasheet
744Kb / 38P
   32-Bit Version 1 ColdFire짰 Central Processor Unit (CPU)
MC9S08DZ60 FREESCALE-MC9S08DZ60_08 Datasheet
4Mb / 416P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08MP16 FREESCALE-MC9S08MP16 Datasheet
775Kb / 36P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW60MFGE FREESCALE-MC9S08AW60MFGE Datasheet
1Mb / 324P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC32CFGE FREESCALE-MC9S08AC32CFGE Datasheet
2Mb / 350P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SE8 NXP-MC9S08SE8 Datasheet
773Kb / 35P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 4, 4/2015
logo
Freescale Semiconductor...
MC9S08EL32 FREESCALE-MC9S08EL32 Datasheet
4Mb / 356P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08LC60_0707 FREESCALE-MC9S08LC60_0707 Datasheet
3Mb / 360P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08QD4 FREESCALE-MC9S08QD4_07 Datasheet
2Mb / 202P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC16 FREESCALE-MC9S08AC16_08 Datasheet
3Mb / 344P
   8-Bit HCS08 Central Processor Unit (CPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com