công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCF5251 bảng dữ liệu(PDF) 2 Page - Freescale Semiconductor, Inc |
|
MCF5251 bảng dữ liệu(HTML) 2 Page - Freescale Semiconductor, Inc |
2 / 34 page Introduction MCF5251 ColdFire Processor Data Sheet: Technical Data, Rev. 3 2 Freescale Semiconductor and the DSP in certain applications. Most peripheral pins can also be remapped as general purpose I/O pins. Low power features include flexible PLL (with power-down mode) with dynamic clock switching, a hardwired CD ROM decoder, advanced 0.13 µm CMOS process technology, 1.2 V core power supply, and on-chip 128K-byte SRAM. MP3 decode requires less than 20 MHz CPU bandwidth and runs from on-chip SRAM. For additional information regarding software drivers and applications, refer to http://www.freescale.com/coldfire. 1.1 Orderable Part Numbers Table 1 lists the orderable part numbers for the MCF5251 processor. Table 1. Orderable Part Numbers Orderable Part Number Maximum Clock Frequency Package Type Operating Temperature Range MP3 Royalty Part Status MCF5251VM140 140 MHz 225 MAPBGA -20 to +70 °CN/A Lead free MCF5251CVM140 -40 to +85 °CN/A |
Số phần tương tự - MCF5251_08 |
|
Mô tả tương tự - MCF5251_08 |