công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCF52221 bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc |
|
MCF52221 bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc |
3 / 56 page MCF52223 Family Configurations MCF52223 ColdFire Microcontroller, Rev. 2 Freescale Semiconductor 3 1 MCF52223 Family Configurations Table 1. MCF52223 Family Configurations Module 52221 52223 ColdFire Version 2 Core with MAC (Multiply-Accumulate Unit) •• System Clock 66, 80 MHz Performance (Dhrystone 2.1 MIPS) up to 76 Flash / Static RAM (SRAM) 128/16 Kbytes 256/32 Kbytes Interrupt Controller (INTC) •• Fast Analog-to-Digital Converter (ADC) •• USB On-The-Go (USB OTG) •• Four-channel Direct-Memory Access (DMA) •• Software Watchdog Timer (WDT) •• Programmable Interrupt Timer 2 2 Four-Channel General Purpose Timer •• 32-bit DMA Timers 4 4 QSPI •• UART(s) 3 3 I2C •• Eight/Four-channel 8/16-bit PWM Timer •• General Purpose I/O Module (GPIO) •• Chip Configuration and Reset Controller Module •• Background Debug Mode (BDM) •• JTAG - IEEE 1149.1 Test Access Port1 1 The full debug/trace interface is available only on the 100-pin packages. A reduced debug interface is bonded on smaller packages. •• Package 64 LQFP 81 MAPBGA 81 MAPBGA 100 LQFP |
Số phần tương tự - MCF52221 |
|
Mô tả tương tự - MCF52221 |