công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCF5207CVM166 bảng dữ liệu(PDF) 2 Page - Freescale Semiconductor, Inc |
|
MCF5207CVM166 bảng dữ liệu(HTML) 2 Page - Freescale Semiconductor, Inc |
2 / 46 page MCF5208 ColdFire® Microprocessor Data Sheet, Rev. 1 MCF5207/8 Device Configurations Freescale Semiconductor 2 1 MCF5207/8 Device Configurations The following table compares the two devices described in this document: 2 Ordering Information Table 1. MCF5207 & MCF5208 Configurations Module MCF5207 MCF5208 Version 2 ColdFire Core with EMAC (Enhanced Multiply-Accumulate Unit) •• Core (System) Clock up to 166.67 MHz Peripheral and External Bus Clock (Core clock ÷ 2) up to 83.33 MHz Performance (Dhrystone/2.1 MIPS) up to 159 Instruction/Data Cache 8 Kbytes Static RAM (SRAM) 16 Kbytes SDR/DDR SDRAM Controller • • Fast Ethernet Controller (FEC) — • Low-Power Management Module • • UARTs 3 3 I2C• • QSPI • • 32-bit DMA Timers 4 4 Watchdog Timer (WDT) • • Periodic Interrupt Timers (PIT) 4 4 Edge Port Module (EPORT) • • Interrupt Controllers (INTC) 1 1 16-channel Direct Memory Access (DMA) • • FlexBus External Interface • • General Purpose I/O Module (GPIO) • • JTAG - IEEE® 1149.1 Test Access Port • • Package 144 LQFP 144 MAPBGA 160 QFP 196 MAPBGA Table 2. Orderable Part Numbers Freescale Part Number Description Speed Temperature MCF5207CAG166 MCF5207 RISC Microprocessor, 144 LQFP 166.67 MHz –40 ° to +85° C MCF5207CVM166 MCF5207 RISC Microprocessor, 144 MAPBGA 166.67 MHz –40 ° to +85° C MCF5208CAB166 MCF5208 RISC Microprocessor, 160 QFP 166.67 MHz –40 ° to +85° C MCF5208CVM166 MCF5208 RISC Microprocessor, 196 MAPBGA 166.67 MHz –40 ° to +85° C |
Số phần tương tự - MCF5207CVM166 |
|
Mô tả tương tự - MCF5207CVM166 |