công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF5232 bảng dữ liệu(PDF) 4 Page - Freescale Semiconductor, Inc

tên linh kiện MCF5232
Giải thích chi tiết về linh kiện  Integrated Microprocessor Hardware Specification
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5232 bảng dữ liệu(HTML) 4 Page - Freescale Semiconductor, Inc

  MCF5232 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF5232 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF5232 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF5232 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF5232 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5232 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5232 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5232 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5232 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
MCF523x Integrated Microprocessor Hardware Specification, Rev. 2
Signal Descriptions
Freescale Semiconductor
4
4
Signal Descriptions
This section describes signals that connect off chip, including a table of signal properties. For a more
detailed discussion of the MCF523x signals, consult the MCF5235 Reference Manual (MCF5235RM).
4.1
Signal Properties
Table 2 lists all of the signals grouped by function. The “Dir” column is the direction for the primary
function of the pin. Refer to Section 6, “Mechanicals/Pinouts and Part Numbers,” for package diagrams.
NOTE
In this table and throughout this document a single signal within a group is
designated without square brackets (i.e., A24), while designations for
multiple signals within a group use brackets (i.e., A[23:21]) and is meant to
include all signals within the two bracketed numbers when these numbers
are separated by a colon.
NOTE
The primary functionality of a pin is not necessarily its default functionality.
Pins that are muxed with GPIO will default to their GPIO functionality.
Table 2. MCF523x Signal Information and Muxing
Signal Name
GPIO
Alternate 1 Alternate 2
Dir.1
MCF5232
160
QFP
MCF5232
196
MAPBGA
MCF5233
256
MAPBGA
MCF5234
256
MAPBGA
MCF5235
256
MAPBGA
Reset
RESET
I
83
N13
T15
T15
T15
RSTOUT
O
82
P13
T14
T14
T14
Clock
EXTAL
I
86
M14
P16
P16
P16
XTAL
O
85
N14
R16
R16
R16
CLKOUT
O
89
K14
M16
M16
M16
Mode Selection
CLKMOD[1:0]
I
19,20
G5, H5
J3, J2
J3, J2
J3, J2
RCON
I
79
K10
P13
P13
P13
External Memory Interface and Ports
A[23:21]
PADDR[7:5]
CS[6:4]
O
126, 125,
124
B11, C11,
D11
B14, C14,
A15
B14, C14,
A15
B14, C14,
A15


Số phần tương tự - MCF5232

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF5232 FREESCALE-MCF5232 Datasheet
1Mb / 44P
   DC Motor with Speed and Current Closed Loops, Driven by eTPU on
MCF5232CAB80 FREESCALE-MCF5232CAB80 Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5232CAB80 FREESCALE-MCF5232CAB80 Datasheet
2Mb / 48P
   Integrated Microprocessor Hardware Specification
MCF5232CVM100 FREESCALE-MCF5232CVM100 Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5232CVM100 FREESCALE-MCF5232CVM100 Datasheet
2Mb / 48P
   Integrated Microprocessor Hardware Specification
More results

Mô tả tương tự - MCF5232

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF5271 FREESCALE-MCF5271 Datasheet
1Mb / 40P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_09 Datasheet
2Mb / 48P
   Integrated Microprocessor Hardware Specification
MCF5271 FREESCALE-MCF5271_09 Datasheet
1Mb / 42P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_06 Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5275 FREESCALE-MCF5275 Datasheet
1Mb / 44P
   Integrated Microprocessor Family Hardware Specification
logo
Motorola, Inc
MCF5275 MOTOROLA-MCF5275 Datasheet
910Kb / 76P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
Freescale Semiconductor...
MCF5274CVM166 FREESCALE-MCF5274CVM166 Datasheet
601Kb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
NXP Semiconductors
MCF5275EC NXP-MCF5275EC Datasheet
1Mb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
Rev. 4, 02/2009
MPC602EC NXP-MPC602EC Datasheet
440Kb / 26P
   PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
logo
Freescale Semiconductor...
MPC7410 FREESCALE-MPC7410_1 Datasheet
865Kb / 56P
   RISC Microprocessor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com