công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145028DW bảng dữ liệu(PDF) 11 Page - Freescale Semiconductor, Inc

tên linh kiện MC145028DW
Giải thích chi tiết về linh kiện  Encoder and Decoder Pairs CMOS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145028DW bảng dữ liệu(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC145028DW Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145028DW Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145028DW Datasheet HTML 9Page - Freescale Semiconductor, Inc MC145028DW Datasheet HTML 10Page - Freescale Semiconductor, Inc MC145028DW Datasheet HTML 11Page - Freescale Semiconductor, Inc MC145028DW Datasheet HTML 12Page - Freescale Semiconductor, Inc MC145028DW Datasheet HTML 13Page - Freescale Semiconductor, Inc MC145028DW Datasheet HTML 14Page - Freescale Semiconductor, Inc MC145028DW Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Pin Descriptions
MC145026, MC145027, MC145028 Technical Data, Rev. 4
Freescale Semiconductor
11
R1, C1
Resistor 1, Capacitor 1 (Pins 6, 7)
As shown in Figure 3 and Figure 4, these pins accept a resistor and capacitor that are used to determine
whether a narrow pulse or wide pulse has been received. The time constant R1 × C1 should be set to
1.72 encoder clock periods:
R1 C1 = 3.95 RTC CTC
R2/C2
Resistor 2/Capacitor 2 (Pin 10)
As shown in Figure 3 and Figure 4, this pin accepts a resistor and capacitor that are used to detect both the
end of a received word and the end of a transmission. The time constant R2 x C2 should be 33.5 encoder
clock periods (four data periods per Figure 12): R2 C2 = 77 RTC CTC. This time constant is used to
determine whether the Din pin has remained low for four data periods (end of transmission). A separate
on-chip comparator looks at the voltage-equivalent two data periods (0.4 R2 C2) to detect the dead time
between received words within a transmission.
VT
Valid Transmission Output (Pin 11)
This valid transmission output goes high after the second word of an encoding sequence when the
following conditions are satisfied:
1. the received addresses of both words match the local decoder address, and
2. the received data bits of both words match.
VT remains high until either a mismatch is received or no input signal is received for four data periods.
VSS
Negative Power Supply (Pin 8)
The most-negative supply potential. This pin is usually ground.
VDD
Positive Power Supply (Pin 16)
The most-positive power supply pin.


Số phần tương tự - MC145028DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
MC145028DW LANSDALE-MC145028DW Datasheet
1Mb / 19P
   Encoder and Decoder Pairs
logo
Freescale Semiconductor...
MC145028DW FREESCALE-MC145028DW Datasheet
157Kb / 20P
    Encoder and Decoder Pairs
More results

Mô tả tương tự - MC145028DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
SC41344 MOTOROLA-SC41344 Datasheet
490Kb / 18P
   Encoder and Decoder Pairs CMOS
logo
LANSDALE Semiconductor ...
ML145026 LANSDALE-ML145026 Datasheet
1Mb / 19P
   Encoder and Decoder Pairs
logo
Freescale Semiconductor...
MC145027DWR2 FREESCALE-MC145027DWR2 Datasheet
157Kb / 20P
    Encoder and Decoder Pairs
logo
List of Unclassifed Man...
SPRC201A ETC1-SPRC201A Datasheet
1Mb / 18P
   10 FUNCTIONS REMOTE CONTROL ENCODER/DECODER PAIRS
logo
Intersil Corporation
HD-15531 INTERSIL-HD-15531 Datasheet
115Kb / 8P
   CMOS Manchester Encoder-Decoder
March 1997
HD3-6409-9 INTERSIL-HD3-6409-9 Datasheet
347Kb / 15P
   CMOS Manchester Encoder-Decoder
October 1, 2015
logo
Renesas Technology Corp
HD-15531 RENESAS-HD-15531 Datasheet
732Kb / 16P
   CMOS Manchester Encoder-Decoder
March 1997
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
   CMOS Manchester Encoder-Decoder
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530 Datasheet
169Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD1-15530-9 INTERSIL-HD1-15530-9 Datasheet
276Kb / 13P
   CMOS Manchester Encoder-Decoder
March 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com